Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9825 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9825
Description  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825 Datasheet(HTML) 3 Page - STMicroelectronics

  L9825 Datasheet HTML 1Page - STMicroelectronics L9825 Datasheet HTML 2Page - STMicroelectronics L9825 Datasheet HTML 3Page - STMicroelectronics L9825 Datasheet HTML 4Page - STMicroelectronics L9825 Datasheet HTML 5Page - STMicroelectronics L9825 Datasheet HTML 6Page - STMicroelectronics L9825 Datasheet HTML 7Page - STMicroelectronics L9825 Datasheet HTML 8Page - STMicroelectronics L9825 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
L9825
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
For voltages and currents applied externally to the device:
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 7
V
Inputs and data lines (NONx, NCS, CLK, SDI, nRes)
VIN
Voltage (NONx, NCS, CLK, SDI)
-0.3 to 7
V
VIN
Voltage (nRes)
-0.3 to 7
V
IIN
Protection diodes current 1)
(T
≤ 1ms)
-20 to 20
mA
Outputs (Out1 ... Out8)
VOUTc
Continuous output voltage
-1.0 to 45
V
IOUT
Output current 2)
-3 to 2.05
A
EOUTcl
Output clamp energy (IOUT ≤ 0.5A)
20
mJ
Notes: 1. All inputs are protected against ESD according to MIL 883C; tested with HBM at 2KV. It corresponds to a dissipated energy
E
≤ 0,2mJ.
2. Transient pulses in accordance to DIN40839 part 1, 3 and ISO 7637 Part 1, 3.
For currents determined within the device:
Outputs (Out1 ... Out8)
IOUT
Output current (Out1 ... Out6)
2.05
A
IOUT
Output current (Out7, Out8)
1.75
A
Total average-current all outputs 3)
4.5 (Min.)
A
3. When operating the device with short circuit at more than 2 outputs at the same time, damage due to electrical overstress may
occur.
Symbol
Parameter
Value
Unit
Thermal shutdown
TJSC
Thermal shutdown threshold
Min.
Typ.
150
165
°C
°C
Thermal resistance
Rthjc-one
Single output (junction case) Max.
13
°C/W
Rthjc-all
All outputs (junction case) Max.
1.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com