Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9825 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9825
Description  Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9825 Datasheet(HTML) 5 Page - STMicroelectronics

  L9825 Datasheet HTML 1Page - STMicroelectronics L9825 Datasheet HTML 2Page - STMicroelectronics L9825 Datasheet HTML 3Page - STMicroelectronics L9825 Datasheet HTML 4Page - STMicroelectronics L9825 Datasheet HTML 5Page - STMicroelectronics L9825 Datasheet HTML 6Page - STMicroelectronics L9825 Datasheet HTML 7Page - STMicroelectronics L9825 Datasheet HTML 8Page - STMicroelectronics L9825 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
L9825
Diagnostics
VDG
Diagnostic threshold voltage
0.32·VCC
0.4·VCC
V
IOL
Open load detection sink current
Vout = VDG
20
100
µA
tdf
Diagnostic detection filter time for
output 1 & 2 on each diagnostic
condition
15
50
µs
Outputs timing
tdon1
Turn ON delay of OUT 1 and 2
NON1, 2 = 50% to VOUT = 0.9·Vbat
NCS = 50% to VOUT = 0.9·Vbat
5µs
tdon2
Turn ON delay of OUT 3 to 8
NCS = 50% to VOUT = 0.9·Vbat
10
µs
tdoff
Turn OFF delay of OUT 1 to 8
NCS = 50% to VOUT = 0.1·Vbat
NON1, 2 = 50% to VOUT = 0.1·Vbat
10
µs
dUon1/dt
Turn ON voltage slew-rate
For output 3 to 8; 90% to 30% of
Vbat; RL = 500Ω; Vbat = 16V
0.7
3.5
V/µs
dUon2/dt
Turn ON voltage slew-rate
For output 1 and 2; 90% to 30%
of Vbat; RL = 500Ω; Vbat = 16V
2
10
V/µs
dUoff1/dt
Turn OFF voltage slew-rate
For output 1 to 8; 30% to 90% of
Vbat; RL = 500Ω; Vbat = 16V
2
10
V/µs
dUoff2/dt
Turn OFF voltage slew-rate
For output 1 to 8; 30% to 80% of
Vbat; RL = 500Ω; Vbat = 0.9 · Vclp
2
15
V/µs
Serial diagnostic link (Load capacitor at SDO = 100pF)
fclk
Clock frequency
50% duty cycle
3
MHz
tclh
Minimum time CLK = HIGH
160
ns
tcll
Minimum time CLK = LOW
160
ns
tpcld
Propagation delay
CLK to data at SDO valid
4.9V
≤ VCC ≤ 5.1V
100
ns
tcsdv
NCS = LOW to data at SDO
active
100
ns
tsclch
CLK low before NCS low
Setup time CLK to NCS change H/L
100
ns
thclcl
CLK change L/H after NCS = low
100
ns
tscld
SDI input setup time
CLK change H/L after SDI data
valid
20
ns
thcld
SDI input hold time
SDI data hold after CLK change H/L
20
ns
tsclcl
CLK low before NCS high
150
ns
thclch
CLK high after NCS high
150
ns
tpchdz
NCS L/H to output data float
100
ns
NCS pulse filter time
Multiple of 8 CLK cycles
ELECTRICAL CHARACTERISTCS (continued)
(4.5V
≤ VCC ≤ 5.5V; -40°C ≤ TJ ≤ 150°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com