Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0200 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0200
Description  HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0200 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0200 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0200 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
HTSSOP-56 to DIP-60 SMT Adapter (0.5 mm pitch, 14 x 6.1 mm body)
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
6.10
B
1.60
C
0.28
B2
3.61
C2
6.35
D
0.22
D2
1.245
E
0.50
F
0.600
G
0.100
H
0.025
A
B
C
D
E
B2
C2
D2
IIP
PC
C0
02
20
00
0


Similar Part No. - IPC0200

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0201 PROTOADVANTAGE-IPC0201 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.5 mm pitch, 10 x 10 mm body)
revision 1.0
IPC0202 PROTOADVANTAGE-IPC0202 Datasheet
107Kb / 2P
Module-40 to DIP-40 SMT Adapter (1.3 mm pitch, 28.5 x 13 mm body)
revision 1.0
IPC0203 PROTOADVANTAGE-IPC0203 Datasheet
104Kb / 2P
SuperSOT-3 to DIP-4 SMT Adapter (1.3 mm pitch, 4 x 3 mm body)
revision 1.0
IPC0204 PROTOADVANTAGE-IPC0204 Datasheet
105Kb / 2P
SOIC-24 to DIP-24 SMT Adapter (1.27 mm pitch, 15.4 x 7.5 mm body)
revision 1.0
IPC0205 PROTOADVANTAGE-IPC0205 Datasheet
106Kb / 2P
LGA-12 to DIP-12 SMT Adapter (0.8 mm pitch, 4.4 x 2.4 mm body)
revision 1.0
More results

Similar Description - IPC0200

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
List of Unclassifed Man...
1930-130 ETC2-1930-130 Datasheet
68Kb / 1P
Led Indicators Body diameter 14 mm
logo
Delta Electronics, Inc.
AFB0612HC DELTA-AFB0612HC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005F3C-70MAV TO-GRACE-APHHS1005F3C-70MAV Datasheet
778Kb / 4P
1.0 x 0.5 mm Infrared Emitting Diode
logo
Mini-Circuits
185F-KM MINI-185F-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-F to 2.92 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com