Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8655PRNF Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # S8655PRNF
Description  Mini RFID Panel Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S8655PRNF Datasheet(HTML) 2 Page - TE Connectivity Ltd

  S8655PRNF Datasheet HTML 1Page - TE Connectivity Ltd S8655PRNF Datasheet HTML 2Page - TE Connectivity Ltd S8655PRNF Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA AND DEVICES / S8655P
2
ELECTRICAL SPECIFICATION
Antenna Part Number
S8655PR and S8655PL
Frequency Range
865 - 870 MHz
Gain
5.0 dBi
Maxium VSWR
1.5:1
3 dB Beamwidth - Azimuth
100°
Front to Back Ratio
8 dB
Polarization
Circular RH or Circular LH
Maxium Input Power
10 Watts
Input Impedence
50 Ohms
Axial Ratio
2.0 dB Typical
Weight lb. (Kg)
1.0 lbs (.45)
Mechanical Size in. (mm)
5.2” x 5.2” x .71” (132.1 x 132.1 x 17.8)
Antenna vConnection
Type N Female, RP-TNC Female, RP-SMA Female, SMA Female
Radome
White or Charcoal High Strengh PC
Mount Style
Threaded Stud 2x #10-32
Temperature Operational
-30°C to +70°C
Storage Temperature
40°C to 85°C
Impact Resistance
1 lbs. Ball Drop, 24”
Salt
MIL-STD-810
Vibration
MIL-STD-810
Shock
IEC 68-2-27
Humidity
IEC 68-2-30
Lightning Protection
DC Grounded
Enclosure Rating
IP 67



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com