Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8655PRNF Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # S8655PRNF
Description  Mini RFID Panel Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

S8655PRNF Datasheet(HTML) 1 Page - TE Connectivity Ltd

  S8655PRNF Datasheet HTML 1Page - TE Connectivity Ltd S8655PRNF Datasheet HTML 2Page - TE Connectivity Ltd S8655PRNF Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA AND DEVICES / S8655P
S8655P
Mini RFID Panel Antenna
865-870 MHZ 5.5 DBIC CP MINI RFID PANEL ANTENNA
The Laird S8655P is a high-performance RFID antenna lineup and is the only UHF RFID antenna available to the
market that offers no-compromise performance in a small package. At only 5.2” square the antenna offers a gain
specification of 5.0 dBic and axial ratio better than 2 dB. In effect the antenna is providing the performance one
would expect of a much larger antenna. The antenna is not only mechanically robust but is less likely to be exposed
to excessive damage by virtue of its reduced size.
FEATURES
APPLICATIONS
• Low profile
• Extremely low VSWR and axial ratio
• IP 67 Rated
• Weather and UV resistant radome
• Wide range of connector options
• Left hand and right hand CP versions
• Warehouse
• Distribution center
• Airports and hospitals
• Transit terminals
• Conveyor belt


Similar Part No. - S8655PRNF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
S8655PR TEC-S8655PR Datasheet
4Mb / 3P
865-870 MHZ 5.5 DBIC CP MINI RFID PANEL ANTENNA
More results

Similar Description - S8655PRNF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Abracon Corporation
APAES923R3640C16-T ABRACON-APAES923R3640C16-T Datasheet
2Mb / 3P
RFID Patch Antenna
06.20.14
logo
Fair-Rite Products Corp...
3061990821 FAIR-RITE-3061990821 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990871 FAIR-RITE-3067990871 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990861 FAIR-RITE-3067990861 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990841 FAIR-RITE-3067990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3067990821 FAIR-RITE-3067990821 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3061990891 FAIR-RITE-3061990891 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3061990841 FAIR-RITE-3061990841 Datasheet
514Kb / 1P
Antenna/ RFID Rods
3078990871 FAIR-RITE-3078990871 Datasheet
514Kb / 1P
Antenna/ RFID Rods
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com