Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9904 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9904
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9904 Datasheet HTML 6Page - STMicroelectronics L9904 Datasheet HTML 7Page - STMicroelectronics L9904 Datasheet HTML 8Page - STMicroelectronics L9904 Datasheet HTML 9Page - STMicroelectronics L9904 Datasheet HTML 10Page - STMicroelectronics L9904 Datasheet HTML 11Page - STMicroelectronics L9904 Datasheet HTML 12Page - STMicroelectronics L9904 Datasheet HTML 13Page - STMicroelectronics L9904 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
L9904
10/17
Figure 3. I(V) characteristics of the K-Line for TX = HIGH and VVS=13.5V
Figure 4. Driving sequence
-20
-10
0
10
20
VK [V]
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
IK [mA]
PWM
DIR
EN
GL2
GH2
GL1
GH1
braking
Note:
Before standby mode
(EN=low) a braking phase
is mandatory to discharge
the stored energy of the
motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com