Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9904 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9904
Description  MOTOR BRIDGE CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9904 Datasheet(HTML) 5 Page - STMicroelectronics

  L9904 Datasheet HTML 1Page - STMicroelectronics L9904 Datasheet HTML 2Page - STMicroelectronics L9904 Datasheet HTML 3Page - STMicroelectronics L9904 Datasheet HTML 4Page - STMicroelectronics L9904 Datasheet HTML 5Page - STMicroelectronics L9904 Datasheet HTML 6Page - STMicroelectronics L9904 Datasheet HTML 7Page - STMicroelectronics L9904 Datasheet HTML 8Page - STMicroelectronics L9904 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
L9904
RDIR
RPWM
Internal pull up resistance
to internal VCC 3)
VDIR = 0; VPWM = 0
16
50
100
k
Ω
DIAGNOSTIC output (DG)
VDG
Output drop
IDG = 1mA
0.6
V
RDG
Internal pull up resistance
to internal VCC 3)
VDG = 0V
10
20
40
k
Ω
Programmable cross conduction protection 4)
NPR
Threshold voltage ratio VPRH/
VPRL
RPR = 10kΩ
1.8
2
2.2
IPR
Current capability
VPR = 2V
-0.5
mA
ISO interface, transmission input (TX)
VTXL
Input low level
1.5
V
VTXH
Input high level
3.5
V
VTXh
Input hysteresis voltage 2)
1
V
RTX
Internal pull up resistance to
internal VCC 3)
VTX = 0
10
20
40
k
Ω
ISO interface, receiver output (RX)
VRXL
Output voltage high stage
TX = HIGH; IRX = 0; VK = VVS
4.5
5.5
V
RRX
Internal pull up resistance
to internal VCC 3)
TX = HIGH;
VRX = 0V
510
20
k
Ω
RRXON
ON resistance to ground
TX = LOW;
IRX = 1mA
40
90
Ω
tRXH
Output high delay time
Fig. 1
0.5
µs
tRXL
Output low delay time
0.5
µs
ISO interface, K-line (K)
VKL
Input low level
-20V
0.45 ·
VVS
VKH
Input high level
0.55 ·
VVS
VVS
VKh
Input hysteresis voltage 2)
0.025·
VVS
0.8V
IKH
Input current
VTX = HIGH
-5
25
µA
RKON
ON resistance to ground
VTX = LOW; IK=10mA
10
30
Ω
IKSC
Short circuit current
VTX = LOW
40
130
mA
fK
Transmission frequency
60
100
kHz
2. not tested in production: guaranteed by design and verified in characterization
3. Internal VVCC is 4.5V ... 5.5V
4. see page 18 for calculation of programmable cross conduction protection time
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com