Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL-P3 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IL-P3
Description  Image Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL-P3 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IL-P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 10Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 11Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 12Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 13Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
03-36-00166-06
DALSA INC.: Phone: 519-886-6000 Fax: 519-886-8023
!
www.dalsa.com
DALSA EUROPE: Phone: +49-8142-46770 Fax: +49-8142-467746
ISO 9001
IL-P3
For product information and updates visit www.dalsa.com
Line Scan Sensors
Pin 1
Pin 12
Pin 24
Pin 13
0.284±0.010 [7.2±0.3]
0.834±0.010 [21.2±0.3]
0.100±0.005 [2.5±0.1]
1.100±0.005 [27.9±0.1]
1.669±0.012 [42.4±0.3]
0.018±0.002 [0.5±0.1]
0.025±0.003 [0.6±0.1]
0.040±0.004 [1.0±0.1]
0.085±0.007 [2.2±0.2]
0.040±0.002 [1.0±0.1]
0.016±0.002 [0.4±0.1]
2) THE CENTER OF THE ACTIVE AREA VS THE
CENTER OF THE DIE IS dx=575um AND dy=-65um
NOTES: 1) THE DIE IS PLACED IN THE MIDDLE OF
RESPECTIVELY
THE PACKAGE ±0.010[±0.3]
UNITS: IN.[mm]
Figure 8. IL-P3 Package Dimensions
0512
Pin 1
Pin 12
Pin 24
Pin 13
0.284±0.010 [7.2±0.3]
0.834±0.010 [21.2±0.3]
0.100±0.005 [2.5±0.1]
1.100±0.005 [27.9±0.1]
1.669±0.012 [42.4±0.3]
0.018±0.002 [0.5±0.1]
0.025±0.003 [0.6±0.1]
0.040±0.004 [1.0±0.1]
0.085±0.007 [2.2±0.2]
0.040±0.002 [1.0±0.1]
0.016±0.002 [0.4±0.1]
2) THE CENTER OF THE ACTIVE AREA VS THE
CENTER OF THE DIE IS dx=575um AND dy=-65um
NOTES: 1) THE DIE IS PLACED IN THE MIDDLE OF
RESPECTIVELY
THE PACKAGE ±0.010[±0.3]
UNITS: IN.[mm]
1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com