Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL-P3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IL-P3
Description  Image Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL-P3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IL-P3 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 9Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 10Page - List of Unclassifed Manufacturers IL-P3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
03-36-00166-06
DALSA INC.: Phone: 519-886-6000 Fax: 519-886-8023
%
www.dalsa.com
DALSA EUROPE: Phone: +49-8142-46770 Fax: +49-8142-467746
ISO 9001
IL-P3
For product information and updates visit www.dalsa.com
Line Scan Sensors
Specification
Unit
Min.
Typ.
Max.
Saturation Output Voltage (VSAT)
1
mV
680
800
930
rms Noise
mV
0.44
0.48
Wavelength of Peak Responsivity
nm
700
Peak Responsivity
V/(µJ/cm
2)
41.3
43.7
46.5
Dynamic Range
1420:1
1820:1
2110:1
Charge Conversion Efficiency (CCE)
µV/e
-
8.8
9.3
9.9
Noise Equivalent Exposure (NEE)
pJ/cm
2
910
12
Saturation Equivalent Exposure (SEE)
nJ/cm
2
15
18
Full Well Capacity
1
ke
-
73
86
Fixed Pattern Noise (FPN)
2,3
mV
< 0.5
1.0
Photoresponse Non-Uniformity (PRNU)
4
%OS
8 pixel local neighborhood
3.0
6.5
Global
5.0
8.5
Charge Transfer Efficiency (CTE) (readout register)
0.99997
0.999999
First Field Lag
5
mV
3.1
4.3
5.4
Dark Signal, Integration time = 52µs
mV
0.19
0.22
Notes:
1.
VSTOR can be adjusted to increase VSAT and full well. As these quantities increase, the antiblooming capability is
compromised.
2.
Maximum peak-to-peak variation of all outputs.
3.
Due to its general purpose design, DALSA's camera and sensor evaluation hardware provides an output that cannot
be used to directly measure low FPN.
4.
The peak-to-peak variation is measured at ~50% SEE.
5.
Lag is measured at 500 mV. Lag is lower if signal is lower.
Test Conditions:
n Operating temperature = 35°C.
n ƒRST = data rate per output = 40MHz.
n ILOAD = 10mA.
n CLOAD = 10pF.
n Tungsten halogen light source, black body color temperature 3200K, filtered with 750nm IR cutoff filter.
n See Sensor Measurement Definitions (doc# 03-36-00149) for specification definitions.
Table 9. IL-P3 Performance Specifications
Life Support Applications
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. DALSA customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify DALSA for any damages resulting from such
improper use or sale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com