Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9907
Description  MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 3 Page - STMicroelectronics

  L9907 Datasheet HTML 1Page - STMicroelectronics L9907 Datasheet HTML 2Page - STMicroelectronics L9907 Datasheet HTML 3Page - STMicroelectronics L9907 Datasheet HTML 4Page - STMicroelectronics L9907 Datasheet HTML 5Page - STMicroelectronics L9907 Datasheet HTML 6Page - STMicroelectronics L9907 Datasheet HTML 7Page - STMicroelectronics L9907 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (7V < VS < 18V, –40
°C< Tj < 150°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq
Quiescent Current
IOUT = 0, (Output Open)
|Vdin| < 20mV (stop)
|Vdin| < 200mV (L or R)
7
6
9
7
mA
mA
-VN-, VN+
Neutral Zone Threshold (2)
1.5 < VINC <VS -2V; VS = 12V
RPR =
∞
RPR =0
3x VST
3x VST
120
240
4x
VST
4x VST
mV
mV
-VST- ,VST+
Stop Range Threshold
1.5 < VINC < VS -2V; VS = 12V
RPR =
∞
RPR =0
25
50
38
76
60
100
mV
mV
VINCL
Control Input LOW Disable
Threshold
Tj = -40 to +25ºC
Tj = >25ºC
0.8
0.6
1.2
1.2
1.5
1.5
V
V
VINCH
VCH (3)
Control Input HIGH Disable
Threshold (4)
Outputs = ON
with RINC = 0
Ω
with RINC =5K
Ω
with RINC = 10K
Ω
VS-2
VS-1.5
VS-1.4
V
V
V
Outputs = OFF
with RINC =0
Ω
with RINC =5K
Ω
with RINC = 10K
Ω
VS-0.8
VS-0.6
VS-0.4
V
V
V
IIN
Input Bias Current
1.5 < VINC <VS -2V; VS = 12V
Vdin =0; RPR =
∞
Vdin =
± 200mV; RPR = ∞
Vdin =0; RPR =0
Vdin =
± 200mV; RPR =0
0.45
0.9
0.8
1.5
2.0
4.0
3.6
6.8
µA
µA
µA
µA
VOSI
Output Saturation Voltage
Sink Stage
IOUT = 0.7A
IOUT = 0.35A
1.1
0.8
1.4
1.1
V
V
VOSO
Output Saturation Voltage
Source Stage
IOUT = 0.7A
IOUT = 0.35A
1.2
0.9
2
1.5
V
V
(2) With a programming resistor RPR between the PR pin and GND the N+ and N- thresholds can be adjusted from the nominal value (RPR =
∞
, pin PR open) up to two times the nominal value (RPR = 0, pin PR shorted to GND).
The formula defining VN+, VN- typical value as a function of RPR and VS is: –VN− = VN+ =(36mV + 0.017⋅ VS) ⋅
1
+
RPR
9.5K
Ω
1
+ 2 ⋅
RPR
9.5K
Ω
.
for RPR =
∞ this formula reduced to:
-VN+ (RPR =
∞)= VN+ (RPR = ∞) = 18mV + 0.0086 ⋅ VS.
for Vs in V and RPR in K
Ω these formulas result in mV
(3) VCH is the control input voltage applied to the pin INC through a serial resistor RINC
(4) OUTPUTS = UNDEFINED for: VS -2V < VCH (RINC =0
Ω)< VS -0.8V
V S -1.5V < VCH (RINC =5K
Ω)< VS -0.6V
V S -1.4V < VCH (RINC = 10K
Ω)< VS -0.4V
VN-
MOTOR
DIRECTION RIGHT
D95AT182
V
H-
VH+
V
N+
MOTOR
DIRECTION LEFT
VINC -VINF
NEUTRALZONE
STOP RANGE
VM =VOUTC -VOUTF
Figure 1: L9907N Differential Input to Output Transfer Characteristics
L9907N
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com