Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9907 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9907
Description  MOTOR BRIDGE FOR HEADLIGHT ADJUSTMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 6 Page - STMicroelectronics

  L9907 Datasheet HTML 1Page - STMicroelectronics L9907 Datasheet HTML 2Page - STMicroelectronics L9907 Datasheet HTML 3Page - STMicroelectronics L9907 Datasheet HTML 4Page - STMicroelectronics L9907 Datasheet HTML 5Page - STMicroelectronics L9907 Datasheet HTML 6Page - STMicroelectronics L9907 Datasheet HTML 7Page - STMicroelectronics L9907 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
rating for VS. The device features an output dis-
able function in case of control input voltage over-
drive.
When the control input voltage increases above
the HIGH control input disable threshold VINC >
VINCH, typically VS -1.2V or decreases below the
LOW control input disable threshold VINC >VINCH,
typically 1.2V, then both outputs will be forced to
tristate.
The potential of the INC pin is clamped at the Con-
trol Input HIGH disable threshold potential with a
series resistor of 5K
Ω typ. To activate the HIGH
disable comparator an input current of 35
µA typ.
is needed. To respect this behaviour in the appli-
cation VCR is specified for different RINC.
VBAT
VS -2V
1.5V
VF
0
1.5V
VS -2V
VBAT
VC
D95AT187A
ALLOWED VC OPERATING RANGE
Figure 6: Control to feedback transfer characteristic
for proportional regulation with reduced
VC operating range:
D1
D2
CS
IQ
RC
VINC
RINF1
RINC
RPR
RCF
PR
L9907N
IINC
INC
VINF
IINF
INF
VS
RF
VC
VF
GND
OUT C
OUT F
M
VM
IM
VBAT
D95AT188
MODULE
RINF2
Figure 7: Recommended Application Circuit Diagram with L9907N for proportional regulation with reduced
VC operating range. For ideal adjusted condition VF
=
RINF2
RINF2
+ RINF2
⋅ VC:
Note:
Recommended value of RINC,RINF (equivalent input resistance to INC and INF)is 5K
Ω to 10KΩ. Resistor RCF should assure that the differential
input voltage |VINC -VINF| remains within the NEUTRAL ZONE, when the control signal wire become broken. When this condition is fulfilled the
motor will not change its previous position.
L9907N
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com