Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8193ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8193ACPZ-R7
Description  Buffered 2:1 TMDS Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8193ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8193ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8193
Rev. 0 | Page 10 of 16
OUTPUT CHANNELS
Each high speed output differential pair is terminated to the
3.3 V VTTO power supply through two single-ended 50 Ω
on-chip resistors, as shown in Figure 20. These matched on-
chip back-terminations absorb reflections on the output TMDS
channels and improve the overall system signal integrity. These
termination resistors are always present in the outputs and they
cannot be switched out.
OP[3:0]
ON[3:0]
AVEE
50Ω
VTTO
50Ω
IOUT
Figure 20. High Speed Output Simplified Schematic
In a typical application, the AD8193 output is connected to the
input of an HDMI/DVI receiver, which provides a second set of
matched terminations in accordance with the HDMI 1.3
specification. If no receiver is connected, each of the AD8193
output pins should be tied to 3.3 V through a 50 Ω on-board
termination resistor.
SWITCHING MODE
The source selector pin, S_SEL, is used to select which of the
two input groups is routed to the output. Source A is selected
when S_SEL is pulled up to logic high, and Source B is selected
when S_SEL is pulled down to logic low. Logic levels for this pin
are set in accordance with the specifications listed in Table 5. The
AD8193 can be used as a single-link TMDS buffer by setting
S_SEL to one fixed logic value.
S_SEL also controls the switch status of the input termination
resistors. The termination resistors for the selected input are
always connected, whereas the termination resistors for the
unselected input are always switched out (high-Z inputs).
Table 5. S_SEL Description
S_SEL
Selected
Input
Input Termination Status
0
Input B
Input B terminations enabled, Input A
terminations disabled
1
Input A
Input A terminations enabled, Input B
terminations disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com