Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8193ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8193ACPZ-R7
Description  Buffered 2:1 TMDS Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8193ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8193ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8193ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8193
Rev. 0 | Page 15 of 16
Figure 26 shows the layout of the TMDS traces. These are 100 Ω
differential, controlled-impedance traces. Serpentine traces are
used for some of the paths to match the lengths within a group
of four. The gray traces are routed on the top layer and the black
traces on the bottom layer.
The low speed switching is performed by an MC74LVX4053.
This part contributes a maximum on resistance of 108 Ω and a
maximum capacitive load of 10 pF. The same select signal
(S_SEL) controls both the AD8193 and the MC74LVX4053.
Figure 26. Layout of TMDS Traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com