Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9879-EB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9879-EB Datasheet HTML 18Page - Analog Devices AD9879-EB Datasheet HTML 19Page - Analog Devices AD9879-EB Datasheet HTML 20Page - Analog Devices AD9879-EB Datasheet HTML 21Page - Analog Devices AD9879-EB Datasheet HTML 22Page - Analog Devices AD9879-EB Datasheet HTML 23Page - Analog Devices AD9879-EB Datasheet HTML 24Page - Analog Devices AD9879-EB Datasheet HTML 25Page - Analog Devices AD9879-EB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9879
Rev. A | Page 22 of 32
TRANSMIT PATH (TX)
tSU
tHD
MCLK
TXSYNC
TXIQ
TXI[11:6]
TXI[5:0]
TXQ[11:6]
TXQ[5:0]
TXI[11:6]
TXI[5:0]
TXQ[11:6]
TXQ[5:0]
TXI[11:6]
TXI[5:0]
Figure 14. Transmit Path Timing
TRANSMIT TIMING
The AD9879 provides a master clock, MCLK, and expects 6-bit
multiplexed TxIQ data upon each rising edge. Transmit
symbols are framed with the TxSYNC input. TxSYNC high
indicates the start of a transmit symbol. Four consecutive 6-bit
data packages form a symbol (I MSB, I LSB, Q MSB, and Q LSB).
DATA ASSEMBLER
The input data stream is representative complex data. Two 6-bit
words form a 12-bit symbol component (in twos complement
format). Four input samples are required to produce one I/Q
data pair. The I/Q sample rate, fIQCLK, at the input to the first
half-band filter is a quarter of the input data rate, fMCLK.
The I/Q sample rate, fIQCLK, puts a bandwidth limit on the
maximum transmit spectrum. This is the familiar Nyquist limit
and is equal to one-half fIQCLK, hereafter referred to as fNYQ.
HALF-BAND FILTERS (HBFs)
HBF 1 and HBF 2 are both interpolating filters, each of which
doubles the sampling rate. Together, HBF 1 and HBF 2 have
26 taps and provide a factor-of-four increase in the sampling
rate (4 × fIQCLK or 8 × fNYQ).
In relation to phase response, both HBFs are linear phase filters.
As such, virtually no phase distortion is introduced within the
pass band of the filters. This is an important feature, because
phase distortion is generally intolerable in a data transmission
system.
CASCADED INTEGRATOR-COMB (CIC) FILTER
The CIC filter is configured as a programmable interpolator
and provides a sample rate increase by a factor of 4. The
frequency response of the CIC filter is given by
()
()
()
()
3
3
2π
4
2π
π
sin
4π
sin
4
1
1
1
4
1
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
=
⎥
⎦
⎤
⎢
⎣
⎡
−
−
⎟
⎠
⎞
⎜
⎝
⎛
=
−
f
f
e
e
H(f)
f)
j(
f
j
(15)
The frequency response in this form has f scaled to the output
sample rate of the CIC filter. That is, f = 1 corresponds to the
frequency of the output sample rate of the CIC filter. H(f/R)
yields the frequency response with respect to the input sample
of the CIC filter.
COMBINED FILTER RESPONSE
The combined frequency response of HBF 1, HBF 2, and
CIC puts a limit on the input signal bandwidth that can be
propagated through the AD9879.
The usable bandwidth of the filter chain puts a limit on the
maximum data rate that can be propagated through the
AD9879. A look at the pass-band detail of the combined filter
response (Figure 15 and Figure 16) indicates that to maintain an
amplitude error of no more than 1 dB, signals are restricted to a
bandwidth of no more than approximately 60% of fNYQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com