Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9879-EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9879-EB Datasheet HTML 19Page - Analog Devices AD9879-EB Datasheet HTML 20Page - Analog Devices AD9879-EB Datasheet HTML 21Page - Analog Devices AD9879-EB Datasheet HTML 22Page - Analog Devices AD9879-EB Datasheet HTML 23Page - Analog Devices AD9879-EB Datasheet HTML 24Page - Analog Devices AD9879-EB Datasheet HTML 25Page - Analog Devices AD9879-EB Datasheet HTML 26Page - Analog Devices AD9879-EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD9879
Rev. A | Page 23 of 32
FREQUENCY RELATIVE TO I/Q NYQUIST BW
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
–1
–2
–3
–4
–5
–6
Figure 15. Cascaded Filter Pass-Band Detail (N = 4)
FREQUENCY RELATIVE TO I/Q NYQUIST BW
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
–1
–2
–3
–4
–5
–6
Figure 16. Cascaded Filter Pass-Band Detail (N = 3)
To keep the bandwidth of the data in the flat portion of the filter
pass band, the user must oversample the baseband data by at
least a factor of two prior to representing it to the AD9879.
Without oversampling, the Nyquist bandwidth of the baseband
data corresponds to the fNYQ. Consequently, the upper end of the
data bandwidth suffers 6 dB or more of attenuation due to the
frequency response of the digital filters.
There is an additional concern if the baseband data applied to
the AD9879 has been pulse shaped. Typically, pulse shaping is
applied to the baseband data via a filter having a raised cosine
response. In such cases, an α value is used to modify the
bandwidth of the data where the value of α is such that 0 < α <
1. A value of 0 causes the data bandwidth to correspond to the
Nyquist bandwidth. A value of 1 causes the data bandwidth to
be extended to twice the Nyquist bandwidth.
Thus, with 2× oversampling of the baseband data and α =1,
the Nyquist bandwidth of the data corresponds with the I/Q
Nyquist bandwidth.
As stated earlier, this results in problems near the upper edge of
the data bandwidth due to the frequency response of the filters.
The maximum value of α that can be implemented is 0.45. This
is because the data bandwidth becomes:
()
NYQ
NYQ
f
f
α
725
.
0
1
2
1
=
+
(16)
which puts the data bandwidth at the extreme edge of the flat
portion of the filter response.
If a particular application requires an α value between 0.45 and
1, then the user must oversample the baseband data by at least a
factor of four. The combined HBF1, HBF2, and CIC filter
introduces a worst-case droop of less than 0.2 dB over the
frequency range of the data to be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com