Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6364 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6364
Description  IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 1 Page - STMicroelectronics

  L6364 Datasheet HTML 1Page - STMicroelectronics L6364 Datasheet HTML 2Page - STMicroelectronics L6364 Datasheet HTML 3Page - STMicroelectronics L6364 Datasheet HTML 4Page - STMicroelectronics L6364 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
IO-Link Class-A interface based on the L6364Q dual channel IO-Link device
transceiver
•
IO-Link mini-stack running on the STM32G071CBT6
•
4 low-side output channels based on the IPS4260L (intelligent low-side power
switch)
•
Supply current for external load 1A/Ch (max. total current 2 A)
•
4 buttons used as digital input channel
•
Operating voltage from 18 V to 30 V DC
•
TVS protects the device from surge based on the SMBJ30CA
•
M12 4-pin connector to satisfy the IO-Link spec and industrial needs.
Applications
•
Factory automation
Description
The EVLIOL4LSV1 is an IO-Link actuator for traditional tower lights used in factory
automation and system alarm indicator applications: it is a turnkey solution that can
be used as a reference design ready for industrialization.
With IO-Link, the EVLIOL4LSV1 becomes an actuator for smart tower lights. It can
also be used as a funnel material indicator for material quantity or urgency level.
The EVLIOL4LSV1 is designed with the L6364 as the IO-Link device transceiver, the
low power STM32G071CB MCU, and the IPS4260L as the low-side driver for
industrial loads. A dedicated SWD 5-pin connector is used for MCU programming.
With the use of an IPS4260L quad low-side switch, the solution can drive an external
low-side load, such as a tower light, valve, or pump. It can diagnose whether the LED
is working or not using the open load detect function of the IPS4260L.
This EVLIOL4LSV1 works with an IO-Link master board and control tool GUI
software with the correspondent IODD file.
Product summary
IO-Link actuator for
industrial load
based on L6364Q
and IPS4260L
EVLIOL4LSV1
Mainstream Arm
Cortex®-M0+ MCU
with 128 Kbytes of
flash memory
STM32G071CB
Dual channel
transceiver IC for
SIO and IO-Link
sensor applications
in QFN package
L6364
Quad low-side
intelligent power
switch
IPS4260L
600 W, 30 V TVS in
SMB
SMBJ30CA
IO-Link actuator for industrial tower light based on L6364Q and IPS4260L
EVLIOL4LSV1
Data brief
DB5300 - Rev 2 - September 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L6364

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6364 STMICROELECTRONICS-L6364 Datasheet
2Mb / 60P
Dual channel transceiver IC for SIO and IO-Link sensor applications
October 2021 Rev 4
L6364Q STMICROELECTRONICS-L6364Q Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
L6364Q STMICROELECTRONICS-L6364Q Datasheet
926Kb / 4P
STM32 Nucleo pack for IO-Link device applications based on L6364Q transceiver, industrial sensors and STM32L452RE MCU
04-Dec-2020
L6364W STMICROELECTRONICS-L6364W Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
More results

Similar Description - L6364

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-TLM-AUD-02 ETC2-LED-TLM-AUD-02 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
logo
STMicroelectronics
STEVAL-IDP003V1 STMICROELECTRONICS-STEVAL-IDP003V1 Datasheet
402Kb / 10P
IO-Link industrial modular sensor board based on L6362A
25-Oct-2017
STEVAL-IDP004V1 STMICROELECTRONICS-STEVAL-IDP004V1 Datasheet
466Kb / 12P
IO-Link master multi-port evaluation board based on L6360
05-Jul-2017
logo
M-System Co.,Ltd.
IT60RC MSYSTEM-IT60RC Datasheet
229Kb / 5P
CC-Link TOWER LIGHT
IT50SRC MSYSTEM-IT50SRC Datasheet
203Kb / 5P
CC-Link TOWER LIGHT
IT40SRC MSYSTEM-IT40SRC Datasheet
200Kb / 5P
CC-Link TOWER LIGHT
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
logo
STMicroelectronics
STEVAL-IOD04KT1 STMICROELECTRONICS-STEVAL-IOD04KT1 Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
X-NUCLEO-IOD02A1 STMICROELECTRONICS-X-NUCLEO-IOD02A1 Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com