Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9997ND Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9997ND
Description  DUAL HALF BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9997ND Datasheet(HTML) 1 Page - STMicroelectronics

  L9997ND Datasheet HTML 1Page - STMicroelectronics L9997ND Datasheet HTML 2Page - STMicroelectronics L9997ND Datasheet HTML 3Page - STMicroelectronics L9997ND Datasheet HTML 4Page - STMicroelectronics L9997ND Datasheet HTML 5Page - STMicroelectronics L9997ND Datasheet HTML 6Page - STMicroelectronics L9997ND Datasheet HTML 7Page - STMicroelectronics L9997ND Datasheet HTML 8Page - STMicroelectronics L9997ND Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L9997ND
DUAL HALF BRIDGE DRIVER
HALF BRIDGE OUTPUTS WITH TYPICAL
RON = 0.7
Ω
OUTPUT CURRENT CAPABILITY
±1.2A
OPERATING SUPPLY VOLTAGE RANGE 7V
TO 16.5V
SUPPLY
OVERVOLTAGE
PROTECTION
FUNCTION FOR VVS UP TO 40V
VERY
LOW
QUIESCENT
CURRENT
IN
STANDBY MODE < 1
µA
CMOS COMPATIBLE INPUTS WITH HYS-
TERESIS
OUTPUT SHORT-CIRCUIT PROTECTION
THERMAL SHUTDOWN
REAL TIME DIAGNOSTIC: THERMAL OVER-
LOAD, OVERVOLTAGE
DESCRIPTION
The L9997ND is a monolithic integrated driver, in
BCD technology intended to drive various loads,
including DC motors. The circuit is optimized for
automotive electronics enviromental conditions.
April 1999
®
OUT1
OUT2
GND
IN1
IN2
EN
DIAG
5V
10
1
12
9
2
19
11
4...7, 14...17
VS
VS
VS
VS
PROTECTION
FUNC TIONS
REFERENCE
BIAS
DRIVER 1
DRIVER 2
ENABLE
M
BLOCK DIAGRAM
SO20 (12+4+4)
ORDERING NUMBERS: L9997ND
L9997ND013TR
MULTIPOWER BCD TECHNOLOGY
1/9


Similar Part No. - L9997ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9997ND STMICROELECTRONICS-L9997ND Datasheet
1Mb / 22P
for car body applications
Oct-2013
L9997ND STMICROELECTRONICS-L9997ND Datasheet
223Kb / 9P
DUAL HALF BRIDGE DRIVER
Rev 3
L9997ND STMICROELECTRONICS-L9997ND_V01 Datasheet
223Kb / 9P
DUAL HALF BRIDGE DRIVER
Rev 3
More results

Similar Description - L9997ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G Datasheet
220Kb / 14P
Dual Half Bridge Driver IC
Rev 2.2 2006-03-07
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
Dual Half Bridge Motor Driver
logo
International Rectifier
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
New Japan Radio
NJW4810A NJRC-NJW4810A Datasheet
153Kb / 12P
Dual Half Bridge Driver
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
Infineon Technologies A...
TLE6282G INFINEON-TLE6282G_11 Datasheet
312Kb / 16P
Dual Half Bridge Driver IC
Rev 2.5 2011-05-24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com