Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9997ND Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9997ND
Description  DUAL HALF BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9997ND Datasheet(HTML) 2 Page - STMicroelectronics

  L9997ND Datasheet HTML 1Page - STMicroelectronics L9997ND Datasheet HTML 2Page - STMicroelectronics L9997ND Datasheet HTML 3Page - STMicroelectronics L9997ND Datasheet HTML 4Page - STMicroelectronics L9997ND Datasheet HTML 5Page - STMicroelectronics L9997ND Datasheet HTML 6Page - STMicroelectronics L9997ND Datasheet HTML 7Page - STMicroelectronics L9997ND Datasheet HTML 8Page - STMicroelectronics L9997ND Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VVSDC
DC Supply Voltage
-0.3 to 26
V
VVSP
Supply Voltage Pulse (T < 400ms)
40
V
IOUT
DC Output Current
±1.8
A
VIN1,2
DC Input Voltage
-0.3 to 7
V
VEN
Enable Input Voltage
-0.3 to 7
V
VDIAG
DC Output Voltage
-0.3 to 7
V
IOUT
DC Output Short-circuit Current -0.3V < VOUT <VS + 0.3V
internally limited
IDIAG
DC Sink Current -0.3V < VDG < 7V
internally limited
THERMAL DATA
Symbol
Parameter
Value
Unit
TjTS
Thermal Shut-down Junction Temperature
165
°C
TjTSH
Thermal Shut-down Threshold Hysteresis
25
K
Rth j-amb
Thermal Resistance Junction-Ambient
(1)
50
K/W
Rth j-pins
Thermal Resistance Junction-Pins
15
K/W
(1) With 6cm
2 on board heatsink area.
VS
OUT2
N.C.
GND
GND
GND
GND
N.C.
IN2
IN1
N.C.
GND
GND
GND
GND
N.C.
OUT1
N.C.
1
3
2
4
5
6
7
8
9
18
17
16
15
14
12
13
11
19
10
20
EN
DIAG
D95AT166
PIN CONNECTION (Top view)
PIN FUNCTIONS
N.
Name
Fun ction
1
VS
Supply Voltage
2
OUT2
Channel 2: Push-Pull power output with intrinsic body diode
3, 8, 13,
18,20
NC
NC: Not Connected
4to 7,
14 to 17
GND
Ground: signal - and power - ground, heat sink
9
IN2
Input 2: Schmitt Trigger input with hysteresis (non-inverting signal control)
10
EN
Enable: LOW or not connected on this input switches the device into standby mode and the
outputs into tristate
11
DIAG
Diagnostic: Open Drain Output that switches LOW if overvoltage or overtemperature is
detected
12
IN1
Input 1: Schmitt Trigger input with hysteresis (non-inverting signal control)
L9997ND
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com