Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRS8 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE49SRS8 Datasheet HTML 1Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 2Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 3Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 4Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 5Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 6Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 7Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 8Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
TLE49SRC8 TLE49SRP8 TLE49SRS8
Features
• Intrinsic stray field robustness
• Differential Hall based angle sensor
• 360° angle measurement
• Angle speed information
• PWM, SPC, SENT (based on SAE J2716-2016) interfaces
• SMD package
• Max. +/-1° intrinsic angle error over lifetime and temperature range
• High voltage and reverse polarity capability
• 14 bit over 360° representation of absolute angle value on the output
• EEPROM for storage of configuration (e.g. zero angle) and customer specific ID
• ISO 26262 Safety Element out of Context for safety requirements up to ASIL C(D)
• Look-up table to correct for systematic angle errors (e.g. magnetic circuit)
• SPC Frameholder mechanism
• Single-wire SICI programming interface on output pin
• RoHS compliant and halogen free package
Potential Applications
• Chassis height sensor
• Pedal position sensor
• Throttle position sensor
• Steering angle sensor
• Wiper position sensor
Product Validation
Product validation according to AEC-Q100, Grade 1. Qualified for automotive applications.
Description
The TLE49SR is a stray field robust angle sensor based on Hall technology for measuring absolute angular position in the range
from 0° to 360°. The sensor provides digital output interfaces. Spatially separated Hall cells, which enable a stray field robust
measurement of the magnetic field, and signal conditioning circuits are implemented on the integrated circuit (IC). The sensor
supports PWM, SENT and SPC interfaces and is developed according to ISO 26262 as safety element out of context.
Table 1
Variant Ordering codes
Product Type
Marking
Ordering Code
Package
Comment
TLE49SRP8
49SRP8
SP005398929
PG-TDSO-8-1
PWM Interface
TLE49SRS8
49SRS8
SP005398931
PG-TDSO-8-1
SENT Interface
TLE49SRC8
49SRC8
SP005398933
PG-TDSO-8-1
SPC Interface
TLE49SR
Datasheet
Datasheet
Please read the sections "Important notice" and "Warnings" at the end of this document
Rev. 1.1.1
www.infineon.com
2024-03-13


Similar Part No. - TLE49SRS8

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4905 SIEMENS-TLE4905 Datasheet
115Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905 SIEMENS-TLE4905 Datasheet
264Kb / 15P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905 INFINEON-TLE4905 Datasheet
84Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4905 INFINEON-TLE4905 Datasheet
99Kb / 15P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
More results

Similar Description - TLE49SRS8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
Magnetic Field Sensors Angle Sensor
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
Magnetic Field Sensors Current Sensor
logo
Zetex Semiconductors
ZMT32 ZETEX-ZMT32 Datasheet
388Kb / 10P
Magnetic Field Angle Sensor
logo
Diodes Incorporated
ZMT32 DIODES-ZMT32 Datasheet
395Kb / 10P
Magnetic Field Angle Sensor
JUNE 2008
logo
Melexis Microelectronic...
MLX90366 MELEXIS-MLX90366 Datasheet
1Mb / 34P
Triaxis??Position Sensor Assembly feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
Triaxis횘 Position Sensor IC feat. SENT
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
logo
M-System Co.,Ltd.
NRA MSYSTEM-NRA Datasheet
93Kb / 2P
Position Sensors BRUSHLESS ANGLE SENSOR
logo
Infineon Technologies A...
TLE4999I3 INFINEON-TLE4999I3 Datasheet
248Kb / 2P
XENSIV™ magnetic position sensors – world’s first fully ISO 26262 compliant linear Hall sensor for high precision applications
05 / 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com