Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE49SRS8 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE49SRS8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRS8 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE49SRS8 Datasheet HTML 17Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 18Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 19Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 20Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 21Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 22Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 23Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 24Page - Infineon Technologies AG TLE49SRS8 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
5.2.2.1
SENT protocol data
Based on the different settings the protocol data content in the nibbles D1 to D4 will be different, in addition to angle
value information (as shown above), the user can select to transmit the also angle characteristic curve quadrant
information, and or the angle speed information.
Below all combinations of these parameters and the corresponding protocol data content is displayed. The content is
the same for the SENT and SPC protocols.
Table 20
Angle value for 90° characteristic curve
SENT/S
PC data
payload
Data
[LSB]
Bitfiel
d Bits
D1
D2
D3
D4
Angle
Resoluti
on
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
value
13:4
-
-
13 12 11 10
9
8
7
6
5
4
-
-
-
-
0.088
°/LSB
quadrant
info
1:0
1
0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16-Bit
angle
value
13:0
-
-
13 12 11 10
9
8
7
6
5
4
3
2
1
0
0.005
°/LSB
quadrant
info
1:0
1
0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Table 21
Angle value for 120° characteristic curve
SENT/S
PC data
payload
Data
[LSB]
Bitfiel
d Bits
D1
D2
D3
D4
Angle
Resoluti
on
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
value
13:4
-
-
13 12 11 10
9
8
7
6
5
4
-
-
-
-
0.117
°/LSB
quadrant
info
1:0
1
0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16-Bit
angle
value
13:0
-
-
13 12 11 10
9
8
7
6
5
4
3
2
1
0
0.007
°/LSB
quadrant
info
1:0
1
0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Table 22
Angle value for 360° characteristic curve
SENT/SP
C data
payload
Data
[LSB]
Bitfiel
d Bits
D1
D2
D3
D4
Angle
Resolutio
n
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
12-Bit
angle
value
15:4
15 14 13 12 11 10 9
8
7
6
5
4
-
-
-
-
0.088
°/LSB
16-Bit
angle
value
15:0
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0.005
°/LSB
TLE49SR
Datasheet
5  Specific module descriptions
Datasheet
21
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com