Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1521RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCDP1521RL
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521RL Datasheet(HTML) 2 Page - STMicroelectronics

  LCDP1521RL Datasheet HTML 1Page - STMicroelectronics LCDP1521RL Datasheet HTML 2Page - STMicroelectronics LCDP1521RL Datasheet HTML 3Page - STMicroelectronics LCDP1521RL Datasheet HTML 4Page - STMicroelectronics LCDP1521RL Datasheet HTML 5Page - STMicroelectronics LCDP1521RL Datasheet HTML 6Page - STMicroelectronics LCDP1521RL Datasheet HTML 7Page - STMicroelectronics LCDP1521RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LCDP1521
2/8
STANDARD
Peak Surge
Voltage
(V)
Voltage
Waveform
Required
peak current
(A)
Current
Waveform
Minimum serial
resistor to meet
standard (
Ω)
GR-1089 Core
First level
2500
1000
2/10µs
10/1000µs
500
100
2/10µs
10/1000µs
31
57
GR-1089 Core
Second level
5000
2/10µs
500
2/10µs
62
GR-1089 Core
Intra-building
1500
2/10µs
100
2/10µs
7
ITU-T-K20/K21
6000
1500
10/700µs
150
37.5
5/310µs
200
20
ITU-T-K20
(IEC61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
VDE0433
4000
2000
10/700µs
100
50
5/310µs
120
40
VDE0878
4000
2000
1.2/50µs
100
50
1/20µs
27
0
IEC61000-4-5
4000
4000
10/700µs
1.2/50µs
100
100
5/310µs
8/20µs
120
27
FCC Part 68, lightning
surge type A
1500
800
10/160µs
10/560µs
200
100
10/160µs
10/560µs
43
32
FCC Part 68, lightning
surge type B
1000
9/720µs
25
5/320µs
0
IN COMPLIANCES WITH THE FOLLOWING STANDARDS
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
170
°C/W
THERMAL RESISTANCE
VRM
VR
IPP
IH
IR
IRM
VF
I
V
Symbol
Parameter
IGT
Gate triggering current
IH
Holding current
IRM
Reverse leakage current LINE / GND
IRG
Reverse leakage current GATE / LINE
VRM
Reverse voltage LINE / GND
VGT
Gate triggering voltage
VF
Forward drop voltage LINE / GND
VFP
Peak forward voltage LINE / GND
VDGL
Dynamic switching voltage GATE / LINE
VGATE
GATE / GND voltage
VRG
Reverse voltage GATE / LINE
C
Capacitance LINE / GND
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com