Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCDP1521RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCDP1521RL
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521RL Datasheet(HTML) 3 Page - STMicroelectronics

  LCDP1521RL Datasheet HTML 1Page - STMicroelectronics LCDP1521RL Datasheet HTML 2Page - STMicroelectronics LCDP1521RL Datasheet HTML 3Page - STMicroelectronics LCDP1521RL Datasheet HTML 4Page - STMicroelectronics LCDP1521RL Datasheet HTML 5Page - STMicroelectronics LCDP1521RL Datasheet HTML 6Page - STMicroelectronics LCDP1521RL Datasheet HTML 7Page - STMicroelectronics LCDP1521RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LCDP1521
3/8
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note1)
10/1000
µs
8/20µs
10/560µs
5/310
µs
10/160µs
1/20µs
2/10
µs
15
60
20
25
30
60
70
A
ITSM
Non repetitive surge peak on-state
current
(50Hz sinusoidal)
t = 10ms
t=1s
5
3.5
A
I
2t
I
2t value for fusing
(50Hz sinusoidal)
t = 10ms
0.125
A
2s
IGSM
Maximum gate current
(50Hz sinusoidal)
t = 10ms
2
A
VMLG
VMGL
Maximum voltage LINE/GND
Maximum voltage GATE/LINE
-40°C < Tamb < +85°C
-40°C < Tamb < +85°C
-150
-150
V
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55to+150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE RATINGS (Tamb = 25°C, unless otherwise specified).
100
50
%IPP
t
t
t
r
p
0
tr: rise time (µs)
tp: pulse duration (µs)
ex: Pulse waveform 10/1000µs
tr = 10µs
tp = 1000µs
Repetitive peak pulse current
Symbol
Test conditions
Max
Unit
VF
I
F =1A
t = 500µs
2
V
VFP
(note 1)
10/700
µs
1.2/50
µs
2/10
µs
1.5kV
1.5kV
2.5kV
R
S = 110Ω
R
S =60Ω
R
S = 245Ω
I
PP = 10A
I
PP = 15A
I
PP = 10A
5
10
20
V
Note 1: see test circuit for VFP;RS is the protection resistor located on the line card.
PARAMETERS RELATED TO THE DIODE LINE / GND (Tamb = 25°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com