Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIESRM Datasheet(PDF) 1 Page - Dwyer Instruments,

Part # SERIESRM
Description  RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DWYER [Dwyer Instruments,]
Direct Link  https://intl.dwyer-inst.com/
Logo DWYER - Dwyer Instruments,

SERIESRM Datasheet(HTML) 1 Page - Dwyer Instruments,

  SERIESRM Datasheet HTML 1Page - Dwyer Instruments, SERIESRM Datasheet HTML 2Page - Dwyer Instruments,  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RATE-MASTER® POLYCARBONATE FLOWMETERS
2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
DWYER INSTRUMENTS, LLC | dwyer-inst.com
246
The
Series RM Rate-Master® Polycarbonate Flowmeters are a line of general use,
direct reading precision flowmeters suitable for both gas and liquid applications. This
Series consists of 2˝ (51 mm), 5˝ (127 mm) and 10˝ (254 mm) scales that can be panel
or surface mounted with optional precision metering valves. Within a given Series, the
Rate-Master® flowmeter bodies can be instantly interchanged, allowing the piping to
remain undisturbed, interchangeability of the ranges, and easy cleaning.
BENEFITS/FEATURES
• Eliminate the need for troublesome conversions with direct reading scales
• Reduce installation damage and cost due to stainless steel backbone that absorbs
piping torque
• Long operation life with durable, shatter-proof polycarbonate body
• High repeatability enabled by precision injection molding around a precision
tapered pin
• Increased reading accuracy with special integral flow guides that stabilize float
movement
• Save time with instantaneous flow reading from scale graduations on both sides of
the indicating tube
APPLICATIONS
• Medical equipment
• Air samplers
• Gas analyzers
• Pollution monitors
• Chemical injectors
• Cabinet purging
A
B C
D
E
F
G
H
I
J
K
L
FULL OPEN
BACK
WIDTH
Model RMC
10˝ scale, 15-3/8˝ high
Model RMB-SSV
5˝ scale, 8-3/4˝ high
Model RMA-TMV
2˝ scale, 4-13/16˝ high
DIMENSIONS - FLOWMETER
Model RMA
Model RMB
Model RMC
A
B
C
D
E
F
G
H
I
J
K
L
4-9/16 [115.90]
3 [76.20]
1/8 NPT conn.
1-5/8 [41.28]
10-32 mtg. holes
3/8 [9.525]
1-1/16 [26.99]
1-3/16 [30.16]
11/16 [17.46]
61/64 [24.21]
1-3/8 [34.92]
3/4 [19.05)
4-13/16 [122.20]
1 [25.40]
8-1/2 [215.90]
6-7/16 [163.50]
1/4 NPT conn.
3-15/16 [100.00]
1/4-20 mtg. holes
5/8 [15.88]
1-7/8 [47.63]
1-3/4 [44.45]
1 [25.40]
1-7/16 [36.51]
1-13/16 [46.04]
1-1/4 [31.75]
8-3/4 [222.30]
1-1/2 [38.10]
15-1/8 [384.20]
12-1/4 [311.20]
1/2 NPT conn.
8-3/4 [222.30]
3/8-24 mtg. holes
1 [25.40]
2-3/4 [69.85]
2-1/2 [63.50]
1-7/16 [36.51]
1-31/32 [50.00]
2-1/2 [63.50]
2 [50.80]
15-3/8 [390.50]
2-1/4 [57.15]
SERIES RM
VVIID
DEEO
O OONN
SPECIFICATIONS
Service: Compatible gases and liquids.
Wetted Materials: Body: Polycarbonate; O-ring: Neoprene and Buna-N; Metal
parts: SS; Float: SS, black glass, aluminum, K monel, tungsten carbide depending
on range.
Temperature Limit: 130°F (54°C).
Pressure Limit: 100 psi (6.9 bar).
Accuracy: RMA: 4%; RMB: 3%; RMC: 2% of FS.
Process Connection: RMA: 1/8˝; RMB: 1/4˝; RMC: 1/2˝ female NPT.
Weight: RMA: 4 oz (113.4 g); RMB: 13 oz (368.5 g); RMC: 39 oz (1105.6 g).
Compliance: Meets the technical requirements of EU Directive 2011/65/EU (RoHS
II).
CAUTION: Dwyer® Rate-Master® flowmeters are designed to provide satisfactory
long term service when used with air, water, or other compatible media. Refer to
factory for information on questionable gases or liquids. Caustic solutions, anti-freeze
(ethylene glycol) and aromatic solvents should definitely not be used.
CALIBRATION SERVICES AVAILABLE
USA: California Proposition 65
WARNING: This product can expose you to chemicals including Lead, which is known to the State
of California to cause cancer and birth defects or other reproductive harm. For more information go
to www.P65Warnings.ca.gov.


Similar Part No. - SERIESRM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
Series 3M-Series Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Coherent Corp
SERIES-PAZ COHERENT-SERIES-PAZ Datasheet
377Kb / 2P
Polarizer - Analyzer - Attenuator
logo
Precid-Dip Durtal SA
SERIES110 PREDIP-SERIES110 Datasheet
23Kb / 4P
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
SERIES150 PREDIP-SERIES150 Datasheet
23Kb / 4P
High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
logo
TEKTRONIX, INC
SERIES2200 KEITHLEY-SERIES2200 Datasheet
301Kb / 4P
Single-Channel Programmable DC Power Supplies
More results

Similar Description - SERIESRM

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA10R-033 PHIHONG-PSA10R-033 Datasheet
133Kb / 3P
10 Watt Interchangeable Plug Series
logo
Projects Unlimited, Inc...
AI-2429-TWT-12V-2-R PUI-AI-2429-TWT-12V-2-R Datasheet
212Kb / 1P
REVISED TONE OR PULSE RATE
logo
Phihong USA Inc.
PSAA20R-120 PHIHONG-PSAA20R-120_14 Datasheet
139Kb / 2P
10~20 Watt Interchangeable Plug Series
logo
Visual Communications C...
CLP-126 VCC-CLP-126 Datasheet
205Kb / 1P
Polycarbonate
CLP-129 VCC-CLP-129 Datasheet
162Kb / 1P
Polycarbonate
logo
Ralston Instruments.
QTHP-RESV RALSTON-QTHP-RESV Datasheet
280Kb / 1P
Polycarbonate Liquid reservoir and (2) gaskets
logo
Phihong USA Inc.
PSAC05R-050L6 PHIHONG-PSAC05R-050L6 Datasheet
191Kb / 3P
5 Watt Interchangeable Plug Series PSAC05R Adapter
logo
TT Electronics.
DS1163 TTELEC-DS1163 Datasheet
627Kb / 2P
Platon Fire Sprinkler Flowmeters
logo
Schneider Electric
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
MAG2 SCHNEIDER-MAG2 Datasheet
123Kb / 1P
Magnetic flowmeters, Flow, HART
Apr 26, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com