Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP02-150M Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCP02-150M
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02-150M Datasheet(HTML) 2 Page - STMicroelectronics

  LCP02-150M Datasheet HTML 1Page - STMicroelectronics LCP02-150M Datasheet HTML 2Page - STMicroelectronics LCP02-150M Datasheet HTML 3Page - STMicroelectronics LCP02-150M Datasheet HTML 4Page - STMicroelectronics LCP02-150M Datasheet HTML 5Page - STMicroelectronics LCP02-150M Datasheet HTML 6Page - STMicroelectronics LCP02-150M Datasheet HTML 7Page - STMicroelectronics LCP02-150M Datasheet HTML 8Page - STMicroelectronics LCP02-150M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
LCP02-150M
2/10
1
Characteristics
Table 1.
Complies with the following standards
Peak surge
voltage (V)
Voltage
waveform (µs)
Required peak
current (A)
Current
waveform
(µs)
Minimum serial
resistor to meet
standard (W)
ITU-T K20
6000
1500
10/700
10/700
150
37.5
5/310
5/310
-
-
ITU-T K21
6000
1500
10/700
10/700
150
37.5
5/310
5/310
-
-
VDE0433
2000
10/700
50
5/310
-
VDE0878
2000
1.2/50
50
1/20
-
IEC61000-4-5
level 4
level 4
10/700
1.2/50
100
100
5/310
8/20
-
-
FCC Part 68
lightning surge type A
1500
800
10/160
10/560
200
100
10/160
10/560
-
-
FCC Part 68
lightning surge type B
1000
9/720
25
5/320
-
BELLCORE
GR-1089-CORE
First level
2500
1000
2/10
10/1000
500
100
2/10
10/1000
-
-
BELLCORE
GR-1089-CORE
Second level
5000
2/10
500
2/10
-
Table 2.
Absolute ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
100
250
120
150
200
250
500
A
ITSM
Non repetitive surge peak on-state current(sinusoidal)
t = 0.2 s
t = 1 s
t = 15 min
13
10
3.5
A
VGN max
VGP maxD
Vbat max
Maximum negative battery voltage rangeMaximum
positivebattery voltage rangeTotal battery supply voltage
See fFigure 1.
-120 to 0
0 to + 95
190
V
Top
Operating temperature range (1)
-20 to +85
°C
Tstg
Storage temperature range
- 55 to +
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
1.
Within the Top range, the LCP02-150M keeps on operating. The impacts of the ambient temperature are given by derating
curves.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com