Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP02-150M Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP02-150M
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02-150M Datasheet(HTML) 3 Page - STMicroelectronics

  LCP02-150M Datasheet HTML 1Page - STMicroelectronics LCP02-150M Datasheet HTML 2Page - STMicroelectronics LCP02-150M Datasheet HTML 3Page - STMicroelectronics LCP02-150M Datasheet HTML 4Page - STMicroelectronics LCP02-150M Datasheet HTML 5Page - STMicroelectronics LCP02-150M Datasheet HTML 6Page - STMicroelectronics LCP02-150M Datasheet HTML 7Page - STMicroelectronics LCP02-150M Datasheet HTML 8Page - STMicroelectronics LCP02-150M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LCP02-150M
Characteristics
3/10
Figure 1.
Test circuit
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Table 4.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
IGP
Positive gate triggering current
IGN
Negative gate triggering current
IH
Holding current
IRG
Reverse leakage current GATE / LINE
IRM
Reverse leakage current
VRM
Reverse voltage LINE/ GND
VDGL
Dynamic switching voltage GATE / LINE
VGATE
GATE / GND voltage
VRG
Reverse voltage GATE / LINE
C
Capacitance LINE / GND
TIP
RING
Gn from -110V to +0V
Gp from +0V to +95V
Δ≤
Vbat
190V
Gn connected to negative supply voltage
Gp connected to positive supply voltage
V t: differential voltage between V
and V
Δ ba
Gp
Gn
IH
IH
IRM
IRM
VRM VGP
VRM
VGN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com