Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0809CCV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0809CCV
Description  8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0809CCV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0809CCV Datasheet HTML 1Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 2Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 3Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 4Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 5Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 6Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 7Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 8Page - National Semiconductor (TI) ADC0809CCV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADC0808/ADC0809
8-Bit µP Compatible A/D Converters with 8-Channel
Multiplexer
General Description
The ADC0808, ADC0809 data acquisition component is a
monolithic CMOS device with an 8-bit analog-to-digital con-
verter, 8-channel multiplexer and microprocessor compatible
control logic. The 8-bit A/D converter uses successive ap-
proximation as the conversion technique. The converter fea-
tures a high impedance chopper stabilized comparator, a
256R voltage divider with analog switch tree and a succes-
sive approximation register. The 8-channel multiplexer can
directly access any of 8-single-ended analog signals.
The device eliminates the need for external zero and
full-scale adjustments. Easy interfacing to microprocessors
is provided by the latched and decoded multiplexer address
inputs and latched TTL TRI-STATE® outputs.
The design of the ADC0808, ADC0809 has been optimized
by incorporating the most desirable aspects of several A/D
conversion techniques. The ADC0808, ADC0809 offers high
speed, high accuracy, minimal temperature dependence, ex-
cellent long-term accuracy and repeatability, and consumes
minimal power. These features make this device ideally
suited to applications from process and machine control to
consumer and automotive applications. For 16-channel mul-
tiplexer
with
common
output
(sample/hold
port)
see
ADC0816 data sheet. (See AN-247 for more information.)
Features
n
Easy interface to all microprocessors
n
Operates ratiometrically or with 5 V
DC or analog span
adjusted voltage reference
n
No zero or full-scale adjust required
n
8-channel multiplexer with address logic
n
0V to 5V input range with single 5V power supply
n
Outputs meet TTL voltage level specifications
n
Standard hermetic or molded 28-pin DIP package
n
28-pin molded chip carrier package
n
ADC0808 equivalent to MM74C949
n
ADC0809 equivalent to MM74C949-1
Key Specifications
n
Resolution:
8 Bits
n
Total Unadjusted Error:
±1⁄2 LSB and ±1 LSB
n
Single Supply:
5 V
DC
n
Low Power:
15 mW
n
Conversion Time:
100 µs
TRI-STATE® is a registered trademark of National Semiconductor Corp.
November 1995
© 1997 National Semiconductor Corporation
DS005672
www.national.com


Similar Part No. - ADC0809CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0809CCV NSC-ADC0809CCV Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ADC0809CCV MICRO-LINEAR-ADC0809CCV Datasheet
169Kb / 12P
關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0809CCV NSC-ADC0809CCV Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCV TI1-ADC0809CCV Datasheet
538Kb / 20P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0809CCV TI1-ADC0809CCV Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results

Similar Description - ADC0809CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
8-Bit Compatible A/D Converters with16-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com