Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP150S Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCP150S
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP150S Datasheet(HTML) 2 Page - STMicroelectronics

  LCP150S Datasheet HTML 1Page - STMicroelectronics LCP150S Datasheet HTML 2Page - STMicroelectronics LCP150S Datasheet HTML 3Page - STMicroelectronics LCP150S Datasheet HTML 4Page - STMicroelectronics LCP150S Datasheet HTML 5Page - STMicroelectronics LCP150S Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-to-ambient
80
°C/W
THERMAL RESISTANCE
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note 1)
10/1000
µs
5/320
µs
2/10
µs
50
60
150
A
ITSM
Non repetitivesurge peakon-statecurrent
F = 50 Hz
tp = 10 ms
t= 1 s
25
8
A
IGSM
Maximum gate current (half sine wave tp = 10 ms)
2
A
VMLG
VMGL
Maximum Voltage LINE/GND
Maximum Voltage GATE/LINE
- 100
-80
V
Tstg
Tj
Storage temperature range
Maximum operating junction temperature
- 55 to + 150
150
°C
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
100
50
%I
PP
t
t
r
p
0
t
Note 1: Pulse waveform
10/1000
µstr = 10 µs
tp = 1000
µs
5/320
µstr = 5 µs
tp = 320
µs
2/10
µstr = 2 µs,
tp = 10
µs
®
LCP150S
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com