Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP150S Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP150S
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP150S Datasheet(HTML) 1 Page - STMicroelectronics

  LCP150S Datasheet HTML 1Page - STMicroelectronics LCP150S Datasheet HTML 2Page - STMicroelectronics LCP150S Datasheet HTML 3Page - STMicroelectronics LCP150S Datasheet HTML 4Page - STMicroelectronics LCP150S Datasheet HTML 5Page - STMicroelectronics LCP150S Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LCP150S
®
PROGRAMMABLE TRANSIENT VOLTAGE
SUPPRESSOR FOR SLIC PROTECTION
Application Specific Discretes
A.S.D.
™
February 1998 - Ed: 3
DUAL PROGRAMMABLE TRANSIENT
SUPPRESSOR
HIGH SURGE CURRENT CAPABILITY.
-IPP = 50A, 10/1000
µs.
-IPP = 60 A, 5/310
µs.
- IPP = 150 A, 2/10
µs.
HOLDING CURRENT = 150 mA min.
LOW GATE TRIGGERING CURRENT :
IGT = 15 mA max.
FEATURES
This device has been especially designed to
protect a subscriber line card interface (SLIC)
against transient overvoltage.
Positive overloads are clipped with two diodes,
while negative surges are suppressed by two
protection thyristors, their breakdown voltage
being is referenced to the -Vbat.
This component presents a very low gate
triggering current (IGT) in order to reduce the
current consumption on the PC board during the
firing phase.
DESCRIPTION
CONNECTION DIAGRAM
SIP 4
CCITT - K20
10/700
µs
1kV
5/310
µs
25A
VDE 0433
10/700
µs
2kV
5/200
µs
50A
VDE 0878
1.2/50
µs
1.5kV
1/20
µs
40A
FCC part 68
2/10
µs
2.5kV
2/10
µs
150A(*)
BELLCORE
TR-NWT-001089 : 2/10
µs
2.5kV
2/10
µs
150A(*)
10/1000
µs
1kV
10/1000
µs
50A(*)
CNET
0.5/700
µs
1kV
0.2/310
µs
25A
(*) with series resistors or PTC.
COMPLIES WITH THE FOLLOWING STANDARDS:
SCHEMATIC DIAGRAM
TM: ASD is trademarks of SGS-THOMSON Microelectronics.
1/6


Similar Part No. - LCP150S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1511 STMICROELECTRONICS-LCP1511 Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP152 STMICROELECTRONICS-LCP152 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
More results

Similar Description - LCP150S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3121B STMICROELECTRONICS-L3121B Datasheet
60Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
May-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com