Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP1521 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCP1521
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1521 Datasheet(HTML) 2 Page - STMicroelectronics

  LCP1521 Datasheet HTML 1Page - STMicroelectronics LCP1521 Datasheet HTML 2Page - STMicroelectronics LCP1521 Datasheet HTML 3Page - STMicroelectronics LCP1521 Datasheet HTML 4Page - STMicroelectronics LCP1521 Datasheet HTML 5Page - STMicroelectronics LCP1521 Datasheet HTML 6Page - STMicroelectronics LCP1521 Datasheet HTML 7Page - STMicroelectronics LCP1521 Datasheet HTML 8Page - STMicroelectronics LCP1521 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
ITU-T K20
4000
1000
10/700
10/700
5/310
5/310
40
25
60
-
VDE0433
2000
10/700
5/310
40
10
VDE0878
2000
1.2/50
1/20
50
2
IEC1000-4-5
level 3
level 4
10/700
1.2/50
5/310
8/20
40
100
10
-
FCC Part 68
lightning surge type A
1500
800
10/160
10/560
10/160
10/560
50
35
22
15
FCC Part 68
lightning surge type B
1000
9/720
5/320
25
-
BELLCORE:
NWT-001089-CORE
First level
2500
1000
2/10
10/1000
2/10
10/1000
170
30
10
24
BELLCORE:
NWT-001089-CORE
Second level
5000
2/10
2/10
170
20
Note 1: the mentioned value of the series resistance is the minimum value needed to fulfill the standard requirement.
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note1)
10/1000
µs
5/310
µs
2/10
µs
30
40
170
A
ITSM
Non repetitive surge peak on-state current
(F = 50Hz)
tp = 10ms
t = 1s
20
5
A
IGSM
Maximum gate current (half sine wave tp = 10ms)
2A
VMLG
VMGL
Maximum voltage LINE/GND
Maximum voltage GATE/LINE
-40°C < Tamb < +85°C
-40°C < Tamb < +85°C
-150
-150
V
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C, unless otherwise specified).
100
50
%IPP
t
t
t
r
p
0
Note 1: Pulse waveform
10 / 1000
µs
tr = 10
µs
tp = 1000
µs
5 / 310
µstr = 5 µs
tp = 310
µs
2 / 10
µstr = 2 µs
tp = 10
µs
LCP1521
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com