Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP1521 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP1521
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1521 Datasheet(HTML) 4 Page - STMicroelectronics

  LCP1521 Datasheet HTML 1Page - STMicroelectronics LCP1521 Datasheet HTML 2Page - STMicroelectronics LCP1521 Datasheet HTML 3Page - STMicroelectronics LCP1521 Datasheet HTML 4Page - STMicroelectronics LCP1521 Datasheet HTML 5Page - STMicroelectronics LCP1521 Datasheet HTML 6Page - STMicroelectronics LCP1521 Datasheet HTML 7Page - STMicroelectronics LCP1521 Datasheet HTML 8Page - STMicroelectronics LCP1521 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Symbol
Test conditions
Max
Unit
IRM
Tc=25°C
VGATE / LINE = -1V
VRM = -150V
Tc=85°C
VGATE / LINE = -1V
VRM = -150V
5
50
µA
C
VR = -3V
F = 1MHz
VR = -48V F = 1MHz
100
50
pF
3 - PARAMETERS RELATED TO DIODE AND PROTECTION THYRISTOR (Tamb = 25°C)
Symbol
Test conditions
Min
Max
Unit
IGT
VGND / LINE = -48V
0.1
2
mA
IH
VGATE = -48V (see note 2)
150
mA
VGT
at IGT
1.5
V
IRG
Tc=25°C
VRG = -150V
Tc=85°C
VRG = -150V
5
50
µA
VDGL
VGATE = -48V
(see note 3)
10/700
µs
1.2/50
µs
2/10
µs
1kV
1.5kV
2.5kV
RP = 10
Ω
RP = 10
Ω
RP = 62
Ω
IPP = 30A
IPP = 30A
IPP = 38A
7
10
25
V
Note 2: see functional holding current (IH) test circuit
Note 3: see test circuit for VDGL
The oscillations with a time duration lower than 50ns are not taken into account
2 - PARAMETERS RELATED TO THE PROTECTION THYRISTOR (Tamb = 25°C)
LCP1521
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com