Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW040R03 Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW040R03
Description  N-channel Enhanced mode TO-252 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW040R03 Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW040R03 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright@ Semipower Technology Co., Ltd. All rights reserved.
May.2022. Rev. 0.6
5/6
SW040R03VLT
V
DD
DUT
V
DS
R
L
R
GS
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
Fig. 13. Switching time test circuit & waveform
Fig. 12. Gate charge test circuit & waveform
Fig. 14. Unclamped Inductive switching test circuit & waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com