Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW040R03 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW040R03
Description  N-channel Enhanced mode TO-252 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW040R03 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW040R03 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW040R03 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ Semipower Technology Co., Ltd. All rights reserved.
May.2022. Rev. 0.6
1/6
SW040R03VLT
Features
⚫ High ruggedness
⚫ Low R
DS(ON) (Typ 5.1mΩ)@VGS=4.5V
(Typ 3.7m
Ω)@V
GS=10V
⚫ Low Gate Charge (Typ 59nC)
⚫ Improved dv/dt Capability
⚫ 100% Avalanche Tested
⚫ Application:Synchronous Rectification,
Li Battery Protect Board, Inverter
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics,
including fast switching time, low on resistance, low gate charge and especially
excellent avalanche characteristics.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
30
V
I
D
Continuous drain current (@T
C=25
oC)
100*
A
Continuous drain current (@T
C=100
oC)
83*
A
I
DM
Drain current pulsed
(note 1)
400
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
156
mJ
E
AR
Repetitive avalanche energy
(note 1)
15
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
100
W
Derating factor above 25oC
0.8
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
1.25
oC/W
R
thja
Thermal resistance, Junction to ambient
74
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2.Drain 3.Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 040R03VLT
SW040R03VLT
TO-252
REEL
N-channel Enhanced mode TO-252 MOSFET
BV
DSS : 30V
I
D
: 100A
R
DS(ON) : 5.1mΩ@VGS=4.5V
3.7m
Ω@V
GS=10V
1
2
3
TO-252
1
2
3


Similar Part No. - SW040R03

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW045R02VT SEMIPOWER-SW045R02VT Datasheet
658Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
SW045R08ET SEMIPOWER-SW045R08ET Datasheet
665Kb / 6P
N-channel Enhanced mode TO-263 MOSFET
SW045R10ES SEMIPOWER-SW045R10ES Datasheet
836Kb / 6P
N-channel Enhanced mode TO-220/TO-263 MOSFET
More results

Similar Description - SW040R03

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70K SEMIPOWER-SW10N70K Datasheet
1Mb / 6P
N-channel Enhanced mode TO-220F/TO-252 MOSFET
SW4N40DC SEMIPOWER-SW4N40DC Datasheet
779Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW20N20D SEMIPOWER-SW20N20D Datasheet
639Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW50N06V2 SEMIPOWER-SW50N06V2 Datasheet
593Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW7N60K2F SEMIPOWER-SW7N60K2F Datasheet
647Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V SEMIPOWER-SW9N10V Datasheet
839Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V1 SEMIPOWER-SW9N10V1 Datasheet
558Kb / 5P
N-channel Enhanced mode TO-252 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com