Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1086 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1086
Description  1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086 Datasheet(HTML) 1 Page - STMicroelectronics

  LD1086 Datasheet HTML 1Page - STMicroelectronics LD1086 Datasheet HTML 2Page - STMicroelectronics LD1086 Datasheet HTML 3Page - STMicroelectronics LD1086 Datasheet HTML 4Page - STMicroelectronics LD1086 Datasheet HTML 5Page - STMicroelectronics LD1086 Datasheet HTML 6Page - STMicroelectronics LD1086 Datasheet HTML 7Page - STMicroelectronics LD1086 Datasheet HTML 8Page - STMicroelectronics LD1086 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
February 2005
I
TYPICAL DROPOUT 1.3V AT 1.5A
I
THREE TERMINAL ADJUSTABLE OR FIXED
OUTPUT VOLTAGE 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 3.6V, 5V, 8V, 9V, 12V.
I
GUARANTEED OUTPUT CURRENT UP TO
1.5A
I
OUPUT TOLERANCE
±1% AT 25°C AND
±2% IN FULL TEMPERATURE RANGE
I
INTERNAL POWER AND THERMAL LIMIT
I
WIDE OPERATING TEMPERATURE RANGE
-40°C TO 125°C
I
PACKAGE AVAILABLE: TO-220, D2PAK,
D2PAK/A, DPAK
I
PINOUT COMPATIBILITY WITH STANDARD
ADJUSTABLE VREG
DESCRIPTION
The LD1086 is a LOW DROP Voltage Regulator
able to provide up to 1.5A of Output Current.
Dropout is guaranteed at a maximum of 1.2V at
the maximum output current, decreasing at lower
loads. The LD1086 is pin to pin compatible with
the older 3-terminal adjustable regulators, but has
better performances in term of drop and output
tolerance.
A 2.85V output version is suitable for SCSI-2
active termination. Unlike PNP regulators, where
a part of the output current is wasted as quiescent
current, the LD1086 quiescent current flows into
the load, so increase efficiency. Only a 10µF
minimum capacitor is need for stability. The
device is supplied in TO-220, D2PAK, D2PAK/A
and DPAK. On chip trimming allows the regulator
to reach a very tight output voltage tolerance,
within ±1% at 25°C.
Table 1: Order Codes
(*) Available in Tape & Reel with the suffix "TR".
TO-220
D2PAK (*)
D2PAK/A (*)
DPAK (*)
OUTPUT VOLTAGE
LD1086V15
LD1086D2T15
LD1086D2M15
LD1086DT15
1.5 V
LD1086V18
LD1086D2T18
LD1086D2M18
LD1086DT18
1.8 V
LD1086V25
LD1086D2T25
LD1086D2M25
LD1086DT25
2.5 V
LD1086V28
LD1086D2T28
LD1086D2M28
LD1086DT28
2.85 V
LD1086V33
LD1086D2T33
LD1086D2M33
LD1086DT33
3.3 V
LD1086V36
LD1086D2T36
LD1086D2M36
LD1086DT36
3.6 V
LD1086V50
LD1086D2T50
LD1086D2M50
LD1086DT50
5.0 V
LD1086V80
LD1086D2T80
LD1086D2M80
LD1086DT80
8.0 V
LD1086V90
LD1086D2T90
LD1086D2M90
LD1086DT90
9.0 V
LD1086V12
LD1086D2T12
LD1086D2M12
LD1086DT12
12.0 V
LD1086V
LD1086D2T
LD1086D2M
LD1086DT
ADJ
LD1086
SERIES
1.5A LOW DROP POSITIVE VOLTAGE
REGULATOR ADJUSTABLE AND FIXED
TO-220
DPAK
D2PAK
D2PAK/A
Rev. 13


Similar Part No. - LD1086

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1086D2M33TR STMICROELECTRONICS-LD1086D2M33TR Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
LD1086D2M80TR STMICROELECTRONICS-LD1086D2M80TR Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
LD1086D2MTR STMICROELECTRONICS-LD1086D2MTR Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
LD1086D2T12TR STMICROELECTRONICS-LD1086D2T12TR Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
LD1086D2T15R STMICROELECTRONICS-LD1086D2T15R Datasheet
584Kb / 37P
1.5A Low drop positive voltage regulator adjustable and fixed
19-Jul-2007
More results

Similar Description - LD1086

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117 STMICROELECTRONICS-LD1117 Datasheet
473Kb / 38P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
06-Dec-2006
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
Low drop fixed and adjustable positive voltage regulators
24-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com