Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1086 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD1086
Description  1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD1086 Datasheet HTML 8Page - STMicroelectronics LD1086 Datasheet HTML 9Page - STMicroelectronics LD1086 Datasheet HTML 10Page - STMicroelectronics LD1086 Datasheet HTML 11Page - STMicroelectronics LD1086 Datasheet HTML 12Page - STMicroelectronics LD1086 Datasheet HTML 13Page - STMicroelectronics LD1086 Datasheet HTML 14Page - STMicroelectronics LD1086 Datasheet HTML 15Page - STMicroelectronics LD1086 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LD1086 SERIES
12/21
Figure 22: Stability for 2.85V
Figure 23: Stability for 12V
Figure 24: Line Transient
Figure 25: Line Transient
Figure 26: Line Transient
Figure 27: Load Transient
VI=12 to 13V, IO=200mA, CI = 1µF(tant), CO=10µF(tant),
No CADJ
VI=12 to 13V, IO=200mA, CI = 1µF(tant), CO=10µF(tant),
No CADJ
VI=12 to 13V, IO=200mA, CI = 1µF(tant), CO=10µF(tant),
CADJ =1µF
VI=13V, IO=0.1 to 1.5A, CI = 1µF(tant), CO=10µF(tant)
CADJ =1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com