Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 2Page - Cypress Semiconductor CY7C68310 Datasheet HTML 3Page - Cypress Semiconductor CY7C68310 Datasheet HTML 4Page - Cypress Semiconductor CY7C68310 Datasheet HTML 5Page - Cypress Semiconductor CY7C68310 Datasheet HTML 6Page - Cypress Semiconductor CY7C68310 Datasheet HTML 7Page - Cypress Semiconductor CY7C68310 Datasheet HTML 8Page - Cypress Semiconductor CY7C68310 Datasheet HTML 9Page - Cypress Semiconductor CY7C68310 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
This part is not recommended for new designs
Use CY7C68300B EZ-USB AT2LP™ USB2.0 to ATA/ATAPI
Bridge for new designs
CY7C68310
Document 38-08030 Rev. *J
Page 6 of 34
4.3.7
DRVPWRVLD
DRVPWRVLD can be used with removable devices (such as
compact flash) to indicate that the media device is present. Pin
polarity and function enable are controlled by bits 4 and 2,
respectively, of EEPROM address 0x0B. When DRVPWRVLD
is deasserted, the CY7C68310 will remove the pull-up on D+
(causing the CY7C68310 to drop off the USB), suspend all
ATA state machine activity, drive all ATA interface signals to ‘0’
(assuming ATAEN = ‘1’), and enter into a low-power state. The
CY7C68310 will remain in this state until DRVPWRVLD is
asserted, at which time it will enable the D+ pull-up, allow
resume of ATA state machine activity, and begin to drive the
ATA interface pins (assuming ATAEN = ‘1’).
4.3.8
ATAEN
The ATAEN pin allows ATA bus sharing with other host
devices. Deasserting ATAEN causes the CY7C68310 to high-
Z all ATA bus interface pins and suspend ATA state machine
activity, otherwise leaving the CY7C68310 operational (USB
operation
continues).
Asserting
ATAEN
causes
the
CY7C68310 to reset the drive and resume normal operation.
To disable USB operation and the ATA interface, the
DRVPWRVLD signal can be used in conjunction with ATAEN
to force the CY7C68310 into a low-power state until normal
operation is resumed. Note that disabling the ATA bus with the
ATAEN pin during the middle of a data transfer will result in
data loss and may cause the operating system on the host
computer to crash.
Table 4-2. USB Interrupt Pipe Data Bitmap
USB Interrupt Data Byte 1
USB Interrupt Data Byte 0
76
54
321
07
654
32
10
Figure 4-2. SYSIRQ Latching Algorithm
USB Interrupt
Pipe Polled?
Yes
No
NAK Request
SYSIRQ=1?
Latch State of IO Pins
Set Int_Data = 1
Int_Data = 1?
No
Return Interrupt Data
Set Int_Data = 0
Yes
Yes
No
Yes
Int_Data = 0
and
SYSIRQ=0?
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com