Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 25Page - Cypress Semiconductor CY7C68310 Datasheet HTML 26Page - Cypress Semiconductor CY7C68310 Datasheet HTML 27Page - Cypress Semiconductor CY7C68310 Datasheet HTML 28Page - Cypress Semiconductor CY7C68310 Datasheet HTML 29Page - Cypress Semiconductor CY7C68310 Datasheet HTML 30Page - Cypress Semiconductor CY7C68310 Datasheet HTML 31Page - Cypress Semiconductor CY7C68310 Datasheet HTML 32Page - Cypress Semiconductor CY7C68310 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
This part is not recommended for new designs
Use CY7C68300B EZ-USB AT2LP™ USB2.0 to ATA/ATAPI
Bridge for new designs
CY7C68310
Document 38-08030 Rev. *J
Page 29 of 34
9.2
READ_MFG_DATA
This USB request returns a “snapshot in time” of selected input
pins. The input pin states are bit-wise mapped to the USB data
packed associated with this request. CY7C68310 input pins
not associated directly with USB operation can be sampled at
any time during normal or Manufacturing Test Mode operation.
This request is independent of normal CY7C68310 state
machine control or Manufacturing Test Mode write operations.
Legal values for wValue are as follows:
• 0x0000
wValue must be set to 0x0000.
Legal values for wLength are as follows:
• 0x0001–0x0008 Any wLength value greater than 0x0008
will result in a STALL response.
Table 9-2. Bit-wise Mapping of LOAD_MFG_DATA Test Data
Byte
Bit(s)
Test/High-Z Control Register Name
00
LOWPWR
0
1
Reserved – Value will not affect output
0
2
nPWR500
03
nATARST
04
nDIOW
05
nDIOR
06
nDMACK
0
7
ATAPUEN
1
0
Reserved – Value will not affect output
1
2:1
nCS[1:0]
1
5:3
DA[2:0]
16
SCL
1
7
DD_EN – ‘1’ = Enable output (set for writes), ‘0’ = high-Z DD[15:0] (set for reads)
2
7:0
DD[7:0]
3
7:0
DD[15:8]
4
2:0
GPIO[2:0]
4
3
Reserved – Value will not affect output
4
6:4
GPIO_EN[2:0] – ‘1’ = Enable output (set for writes), ‘1’ = high-Z GPIO[2:0] (set for reads)
4
7
Reserved – Value will not affect output
5
7:0
Reserved – Value will not affect output
Table 9-3. READ_MFG_DATA Command Format
Label
bmRequestType bRequest
wValue
wIndex
wLength
Data
READ_MFG_DATA
0xC0
0x06
0x00
0x00
Data Length
Mfg. Test Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com