Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29300 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD29300
Description  3A, VERY LOW DROP VOLTAGE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29300 Datasheet(HTML) 4 Page - STMicroelectronics

  LD29300 Datasheet HTML 1Page - STMicroelectronics LD29300 Datasheet HTML 2Page - STMicroelectronics LD29300 Datasheet HTML 3Page - STMicroelectronics LD29300 Datasheet HTML 4Page - STMicroelectronics LD29300 Datasheet HTML 5Page - STMicroelectronics LD29300 Datasheet HTML 6Page - STMicroelectronics LD29300 Datasheet HTML 7Page - STMicroelectronics LD29300 Datasheet HTML 8Page - STMicroelectronics LD29300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LD29300 SERIES
4/17
ELECTRICAL CHARACTERISTICS OF LD29300#15
(IO = 10mA, TJ =25°C, VI =3.5V, VINH =2V (Note 2), CI = 330nF, CO =10µF, unless otherwise specified)
NOTE 1: Guaranteed by design.
NOTE 2: Only for version with Inhibit function.
ELECTRICAL CHARACTERISTICS OF LD29300#18
(IO = 10mA, TJ = 25°C, VI =3.8V, VINH =2V (Note 3), CI = 330nF, CO =10µF, unless otherwise specified)
NOTE 1: Guaranteed by design.
NOTE 2: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value with VO+1V
applied to VI.
NOTE 3: Only for version with Inhibit function.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Minimum Operating Input
Voltage
IO = 10mA to 3A
TJ = -40 to 125°C
2.5
V
VO
Output Voltage
IO = 10mA to 3A, VI = 3 to 7V
TJ = -40 to 125°C
1.485
1.5
1.515
V
1.47
1.53
∆V
O
Load Regulation
IO = 10mA to 3A
0.2
1.0
%
∆V
O
Line Regulation
VI = 3 to 13V
0.06
0.5
%
SVR
Supply Voltage Rejection
f = 120 Hz, VI = 3.5 ± 1V, IO = 1.5A
(Note 1)
65
75
dB
Iq
Quiescent Current
IO = 1.5A,
TJ = -40 to 125°C
20
50
mA
IO = 3A,
TJ = -40 to 125°C
45
100
VI = 13V, VINH =GND
TJ = -40 to 125°C
130
180
µA
Isc
Short Circuit Current
VI -VO = 5.5V
4.5
A
VIL
Control Input Logic Low
OFF MODE, (NOTE 2)
TJ = -40 to 125°C
0.8
V
VIH
Control Input Logic High
ON MODE, (NOTE 2)
TJ = -40 to 125°C
2
V
IINH
Control Input Current
TJ = -40 to 125°C
VINH = 13V
5
10
µA
eN
Output Noise Voltage
BP = 10Hz to 100KHz
IO = 100mA
60
µVRMS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 10mA to 3A, VI = 3 to 7.3V
TJ = -40 to 125°C
1.782
1.8
1.818
V
1.764
1.836
∆V
O
Load Regulation
IO = 10mA to 3A
0.2
1.0
%
∆V
O
Line Regulation
VI = 3 to 13V
0.06
0.5
%
SVR
Supply Voltage Rejection
f = 120 Hz, VI = 3.8 ± 1V, IO = 1.5A
(Note 1)
62
72
dB
VDROP Dropout Voltage
IO = 500mA, TJ = -40 to 125°C (Note 2)
0.1
V
IO = 1.5A,
TJ = -40 to 125°C (Note 2)
0.2
IO = 3A,
TJ = -40 to 125°C (Note 2)
0.4
0.7
Iq
Quiescent Current
IO = 1.5A,
TJ = -40 to 125°C
20
50
mA
IO = 3A,
TJ = -40 to 125°C
45
100
VI = 13V, VINH =GND
TJ = -40 to 125°C
130
180
µA
Isc
Short Circuit Current
VI -VO = 5.5V
4.5
A
VIL
Control Input Logic Low
OFF MODE, (NOTE 3)
TJ = -40 to 125°C
0.8
V
VIH
Control Input Logic High
ON MODE, (NOTE 3)
TJ = -40 to 125°C
2
V
IINH
Control Input Current
TJ = -40 to 125°C
VINH = 13V
5
10
µA
eN
Output Noise Voltage
BP = 10Hz to 100KHz
IO = 100mA
60
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com