Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD29300
Description  3A, VERY LOW DROP VOLTAGE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29300 Datasheet(HTML) 1 Page - STMicroelectronics

  LD29300 Datasheet HTML 1Page - STMicroelectronics LD29300 Datasheet HTML 2Page - STMicroelectronics LD29300 Datasheet HTML 3Page - STMicroelectronics LD29300 Datasheet HTML 4Page - STMicroelectronics LD29300 Datasheet HTML 5Page - STMicroelectronics LD29300 Datasheet HTML 6Page - STMicroelectronics LD29300 Datasheet HTML 7Page - STMicroelectronics LD29300 Datasheet HTML 8Page - STMicroelectronics LD29300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
June 2003
s
VERY LOW DROPOUT VOLTAGE (TYP. 0.4
AT 3A)
s
GUARANTEED OUTPUT CURRENT UP TO
3A
s
FIXED VOLTAGE WITH
±1% TOLERANCE
AT 25°C
s
INTERNAL CURRENT AND THERMAL LIMIT
s
LOGIC CONTROLLED ELECTRONIC
SHUTDOWN AVAILABLE IN PPAK
DESCRIPTION
The LD29300 is a high current, high accuracy,
low-dropout
voltage
regulator
series.
These
regulators feature 400mV dropout voltage and
very low ground current. Designed for high current
loads, these devices are also used in lower
current, extremely low dropout-critical systems,
where their tiny dropout voltage and ground
current values are important attributes. Typical
applications are in Power supply switching post
regulation, Series power supply for monitors,
Series power supply for VCRs and TVs, Computer
Systems and Battery powered systems.
LD29300
SERIES
3A, VERY LOW DROP VOLTAGE REGULATORS
SCHEMATIC DIAGRAM FOR ADJUSTABLE VERSION
TO-220
D2PAK/A
D2PAK
P2PAK
P2PAK/A


Similar Part No. - LD29300

ManufacturerPart #DatasheetDescription
logo
Sames
LD29300 SAMES-LD29300 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
LD29300D2M18R SAMES-LD29300D2M18R Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29300D2M18R STMICROELECTRONICS-LD29300D2M18R Datasheet
525Kb / 26P
3 A, very low drop voltage regulators
11-Jul-2008
logo
Sames
LD29300D2M25R SAMES-LD29300D2M25R Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29300D2M25R STMICROELECTRONICS-LD29300D2M25R Datasheet
525Kb / 26P
3 A, very low drop voltage regulators
11-Jul-2008
More results

Similar Description - LD29300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com