Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0400ALK-DC Datasheet(PDF) 22 Page - Texas Instruments

Part # SN0400ALK-DC
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN0400ALK-DC Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN0400ALK-DC Datasheet HTML 18Page - Texas Instruments SN0400ALK-DC Datasheet HTML 19Page - Texas Instruments SN0400ALK-DC Datasheet HTML 20Page - Texas Instruments SN0400ALK-DC Datasheet HTML 21Page - Texas Instruments SN0400ALK-DC Datasheet HTML 22Page - Texas Instruments SN0400ALK-DC Datasheet HTML 23Page - Texas Instruments SN0400ALK-DC Datasheet HTML 24Page - Texas Instruments SN0400ALK-DC Datasheet HTML 25Page - Texas Instruments SN0400ALK-DC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 8847.36MSPS interleave mode; fADC = 2949.12MSPS; nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation
=0dB; SerDes rate = 24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 3: 4T4R2F - FDD FB 100% on TX
Dual Band: 12x Int, FB 6x Dec RX Dual
Band: RX 24x TX/FB Rate 491.52 Msps
RX Rate 122.88 Msps fDAC = 11796.48
MSPS fADC = 2949.12 MSPS fTX = 1.85
+ 2.15 GHz fRX = 1.75 + 1.88 GHz
64/66 coding, 16.22Gbps TX: 8-16-4-1,
FB: 2-4-4-1, RX: 2-16-16-1
1668.6
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
965.1
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
77.6
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
893.4
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
879.5
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
50.7
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
3826.9
mA
Pdiss
Power Dissipation
10513.0
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 4: 4T4R2F - FDD FB 100% on 7.5
GSPS DAC, 2.5 GSPS ADC Single Band:
15x Int, FB 5x Dec Dual Band: RX 20x
TX/FB Rate 491.52 Msps RX Rate 122.88
Msps fDAC = 7372.8 MSPS fADC = 2457.6
MSPS fTX = 1.85 + 2.15 GHz fRX = 1.75
+ 1.88 GHz 64/66 coding, 16.22Gbps TX:
4-8-4-1, FB: 2-4-4-1, RX: 2-16-16-1
1611.5
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
694.5
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
72.8
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
768.5
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
940.5
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
45.5
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
3000.5
mA
Pdiss
Power Dissipation
9087.4
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 5: 4T4R - TDD 1F shared with
RX TX 75%, RX 25%, FB 75% Single
Band: 12x Int, FB 3x Dec, RX 6x Dec
TX/FB Rate = 983.04 Msps RX Rate
491.52 Msps fDAC = 11796.48 MSPS fADC
= 2949.12 MSPS fTX = 3.5 GHz fRX
=3.5 GHz 64/66 coding, 16.22Gbps TX:
8-8-2-1, FB: 4-4-4-2, RX: 4-8-4-1
821.8
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
808.5
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
77.4
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
289.5
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
682.0
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
49.0
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2123.3
mA
Pdiss
Power Dissipation
6209.3
mW
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com