Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0400ALK-DC Datasheet(PDF) 72 Page - Texas Instruments

Part # SN0400ALK-DC
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN0400ALK-DC Datasheet(HTML) 72 Page - Texas Instruments

Back Button SN0400ALK-DC Datasheet HTML 68Page - Texas Instruments SN0400ALK-DC Datasheet HTML 69Page - Texas Instruments SN0400ALK-DC Datasheet HTML 70Page - Texas Instruments SN0400ALK-DC Datasheet HTML 71Page - Texas Instruments SN0400ALK-DC Datasheet HTML 72Page - Texas Instruments SN0400ALK-DC Datasheet HTML 73Page - Texas Instruments SN0400ALK-DC Datasheet HTML 74Page - Texas Instruments SN0400ALK-DC Datasheet HTML 75Page - Texas Instruments SN0400ALK-DC Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 126 page
background image
4.12.6 TX Typical Characteristics at 8.1GHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 491.52MSPS, fDAC = 11796.48
MSPS (24x interpolation), mixed mode, 1st Nyquist zone output, PLL clock mode with fREF = 491.52MHz, AOUT = –1 dBFS,
DSA = 0 dB, Sin(x)/x enabled, DSA calibrated, 8.1GHz matching
DSA Setting (dB)
0
5
10
15
20
25
30
35
40
-60
-57
-54
-51
-48
-45
-42
-39
-36
-33
1TX
2TX
3TX
4TX
Figure 4-226. TX NR100MHz ACPR vs DSA Setting 8.11GHz
DSA Setting (dB)
0
5
10
15
20
25
30
35
40
-60
-57
-54
-51
-48
-45
-42
-39
-36
-33
1TX
2TX
3TX
4TX
Figure 4-227. TX NR100MHz alt-ACPR vs DSA Setting 8.11GHz
DSA Setting (dB)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
1TX
2TX
3TX
4TX
Figure 4-228. TX NR100MHz EVM vs DSA Setting 8.11GHz
Figure 4-229. TX 100MHz NR Output Spectrum at 8.11GHz
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
www.ti.com
72
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com