Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSHT-LAB Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-FSHT-LAB
Description  Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSHT-LAB Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-FSHT-LAB Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSHT-LAB Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSHT-LAB Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Asia-Pacific: Tel +886-2 256 241 17
asiacus@bourns.com
Americas: Tel +1-951 781-5500
americus@bourns.com
EMEA: Tel +36 88 885 877
eurocus@bourns.com
DESIGN KIT RELEASE
Mexico: Tel +52 614 478 0400
mexicus@bourns.com
MUL TIFUSE® PPT C RESE T T ABLE FUSES
MF2405
~ Continued ~
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
High Temperature SMD, Radial and Standard SMD Series
Riverside, California – May 31, 2024 – Bourns is pleased to announce the release of eleven new Multifuse®
PPTC Resettable Fuse Design Kits:
MF-FSHT-LAB
MF-PSHT-LAB
MF-NSHT-LAB
MF-MSHT-LAB
MF-SMHT-LAB
MF-RX/72-LAB
MF-FSMF-LAB
MF-PSMF-LAB
MF-LSMF-LAB1
MF-LSMF-LAB2
MF-NSMF-LAB (Renewed)
Design Kit
Component Models Included
Footprint
Rated Current
Rated Voltage
AEC-Q200
Compliant
MF-FSHT-LAB
MF-FSHT005KX, MF-FSHT010KX & MF-FSHT016KX
0603
0.05 A - 0.16 A
12 VDC
No
MF-PSHT-LAB
MF-PSHT005KX, MF-PSHT010KX, MF-PSHT016KX,
MF-PSHT020KX, MF-PSHT035KX & MF-PSHT050KX
0805
0.05 A - 0.5 A
12 VDC - 16 VDC
Yes
MF-NSHT-LAB
MF-NSHT010KX, MF-NSHT016KX, MF-NSHT020KX,
MF-NSHT035KX, MF-NSHT050KX & MF-NSHT075KX
1206
0.1 A - 0.75 A
12 VDC - 30 VDC
Yes
MF-MSHT-LAB
MF-MSHT020KX, MF-MSHT035KX, MF-MSHT075KX,
MF-MSHT110KX, MF-MSHT150KX & MF-MSHT175KX
1812
0.2 A - 1.75 A
9 VDC - 42 VDC
Yes
MF-SMHT-LAB MF-SMHT136, MF-SMHT160 & MF-SMHT300
2920 - 3425
1.36 A - 3.0 A
16 VDC
Yes
These new design kits contain a selection of automotive grade, high temperature models in 0603 to 3425
footprint sizes, a selection of 72 VDC radial MF-RX Series and a selection of standard SMD Series in 0603 to
2920 footprint sizes to provide design engineers with a variety of overcurrent protection solutions across a
range of rated currents and working temperatures for quick-turn prototype testing. These eleven new
design kits will further expand Bourns’ offering of Multifuse® PPTC Resettable Fuse Design Kits.
High Temperature SMD Series


Similar Part No. - MF-FSHT-LAB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSHT BOURNS-MF-FSHT Datasheet
337Kb / 6P
MF-FSHT Series – PTC Resettable Fuses
REV. 11/20
MF-FSHT005KX BOURNS-MF-FSHT005KX Datasheet
337Kb / 6P
MF-FSHT Series – PTC Resettable Fuses
REV. 11/20
MF-FSHT010KX BOURNS-MF-FSHT010KX Datasheet
337Kb / 6P
MF-FSHT Series – PTC Resettable Fuses
REV. 11/20
MF-FSHT016KX BOURNS-MF-FSHT016KX Datasheet
337Kb / 6P
MF-FSHT Series – PTC Resettable Fuses
REV. 11/20
More results

Similar Description - MF-FSHT-LAB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com