Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSHT-LAB Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-FSHT-LAB
Description  Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSHT-LAB Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-FSHT-LAB Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSHT-LAB Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSHT-LAB Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
High Temperature SMD, Radial and Standard SMD Series
Page 3 of 3
Radial Leaded, Through-hole Series
Surface Mount Standard Series
Design Kit
Agency Recognition
RoHS Compliant*
Halogen Free**
MF-RX/72-LAB
UL/CSA/TÜV
Yes
Yes
Design Kit
Agency Recognition
RoHS Compliant*
Halogen Free**
MF-FSMF-LAB
UL/CSA/TÜV
Yes
Yes
MF-PSMF-LAB
UL/CSA/TÜV
Yes
Yes
MF-LSMF-LAB1
UL/CSA/TÜV
Yes
Yes
MF-LSMF-LAB2
UL/CSA/TÜV
Yes
Yes
MF-NSMF-LAB
---
Yes
Yes
For additional information on Bourns® Multifuse® PPTC Resettable Fuse products, please visit the Bourns
website at www.bourns.com/products/circuit-protection/resettable-fuses-multifuse-pptc. Check out the
Bourns® Multifuse® PPTC Resettable Fuse Technical Library for many useful technical documents,
application notes and brochures.
Should you have any questions, please feel free to contact Customer Service/Inside Sales.
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine
(Cl) content is 1500 ppm or less.
Design Kit
Agency Recognition
RoHS Compliant*
Halogen Free**
MF-FSHT-LAB
UL/CSA/TÜV
Yes
No
MF-PSHT-LAB
UL/CSA/TÜV
Yes
No
MF-NSHT-LAB
UL/CSA/TÜV
Yes
No
MF-MSHT-LAB
UL/CSA/TÜV
Yes
No
MF-SMHT-LAB
---
Yes
Yes
High Temperature SMD Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com