Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PELB1069 Datasheet(PDF) 1 Page - pro-elec

Part # PELB1069
Description  Filtered Power Entry Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PELB1069 Datasheet(HTML) 1 Page - pro-elec

  PELB1069 Datasheet HTML 1Page - pro-elec PELB1069 Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
11/02/21
Filtered Power Entry Modules
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Part Number
PELB1066
PELB1067
PELB1068
PELB1069
Voltage Rating
115/250V AC
Current Rating
A. @ 115 V AC
B. @ 250 V AC
1A RMS Max.
1A RMS Max.
3A RMS Max.
3A RMS Max.
6A RMS Max.
6A RMS Max.
10A RMS Max.
10A RMS Max.
Operating Frequency
50/60Hz
Leakage Current
A. @ 115 V AC/60Hz
B. @ 250 V AC/50Hz
Each Line to Ground
0.3mA Max.
0.6mA Max.
Hipot Rating
A. Line to Ground
B. Line to Line
(For one minute)
2250V AC
1450V DC
Insulation Resistance
50mΩ at 500V DC any input or output to Ground
Temperature Range
-25°C to +85°C
Characteristics
PELB1066
PELB1067
PELB1068
PELB1069
L: 2×3.7mH
L: 2×1.8mH
L: 2×0.8mH
L: 2×0.3mH
C×: 0.1μF(X2)
Cy: 3300pF(Y2) * 2
Electrical Schematic


Similar Part No. - PELB1069

ManufacturerPart #DatasheetDescription
logo
pro-elec
PELB1070 PRO-ELEC-PELB1070 Datasheet
431Kb / 2P
Filtered Power Entry Modules with Single Fuse
V1.0 11/02/21
PELB1071 PRO-ELEC-PELB1071 Datasheet
431Kb / 2P
Filtered Power Entry Modules with Single Fuse
V1.0 11/02/21
PELB1072 PRO-ELEC-PELB1072 Datasheet
431Kb / 2P
Filtered Power Entry Modules with Single Fuse
V1.0 11/02/21
PELB1073 PRO-ELEC-PELB1073 Datasheet
431Kb / 2P
Filtered Power Entry Modules with Single Fuse
V1.0 11/02/21
PELB1074 PRO-ELEC-PELB1074 Datasheet
396Kb / 2P
Filtered Power Entry Modules with Double Fuse
V1.0 11/02/21
More results

Similar Description - PELB1069

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CCM1300 MACOM-CCM1300 Datasheet
182Kb / 2P
Power Entry Modules
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
Compact Filtered Power Entry Module
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
Compact filtered power entry module
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
Versatile Filtered Power Entry Module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
Ultra Compact and Versatile Filtered Power Entry Module
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
POWER ENTRY MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com