Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PELB1069 Datasheet(PDF) 2 Page - pro-elec

Part # PELB1069
Description  Filtered Power Entry Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PELB1069 Datasheet(HTML) 2 Page - pro-elec

  PELB1069 Datasheet HTML 1Page - pro-elec PELB1069 Datasheet HTML 2Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
11/02/21
Filtered Power Entry Modules
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-ELEC is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Filtered IEC Inlet C14, 250V AC, 1A
PELB1066
Filtered IEC Inlet C14, 250V AC, 3A
PELB1067
Filtered IEC Inlet C14, 250V AC, 6A
PELB1068
Filtered IEC Inlet C14, 250V AC, 10A
PELB1069
Safety Compliance
CE
: 2011NT0616551
CQC : CQC14001104342/CQC19001226449
CB
: STIEP-3025
TUV
: B0899310001
UL
: E471748
Dimension Limit Tolerance
0 - 10
±0.3
10 - 100
±0.5
100 - 150
±0.8
150 - 200
1.0
Dimensions : Millimetres
Physical Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com