Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PWW2-R00 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXK2-PWW2-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PWW2-R00 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXK2-PWW2-R00 Datasheet HTML 2Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
6
Red
Orange
Flux Characteristics for LUXEON K2, Continued
Junction Temperature, TJ = 25°C
Table 1 Continued .
P
Pe
errffo
orrm
ma
an
nc
ce
e a
att T
Te
es
stt C
Cu
urrrre
en
ntts
s
T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
a
att IIn
nd
diic
ca
atte
ed
d C
Cu
urrrre
en
ntt
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
R
Ra
ad
diio
om
me
ettrriic
c
T
Te
es
stt
R
Ra
ad
diio
om
me
ettrriic
c
D
Drriiv
ve
e
P
Po
ow
we
err ((m
mW
W))
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
C
Co
ollo
orr
P
Pa
arrtt N
Nu
um
mb
be
err
Φ
Φ
V
V
[1] [3]
Φ
Φ
V
V
[2] [3]
((m
mA
A))
Φ
Φ
V
V
[2] [3]
((m
mA
A))
LXK2PD12Q00
30.6
35
350
60
700
Red
LXK2PD12R00
39.8
45
350
75
700
LXK2PD12S00
51.7
60
350
100
700
LXK2PH12R00
39.8
45
350
75
700
LXK2PH12S00
51.7
60
350
100
700
LXK2PL12P00
23.5
27
350
46
700
Amber
LXK2PL12Q00
30.6
35
350
60
700
LXK2PL12R00
39.8
45
350
75
700
Flux Characteristics for LUXEON K2 Star,
Junction Temperature, TJ = 25°C
Table 2.
P
Pe
errffo
orrm
ma
an
nc
ce
e a
att T
Te
es
stt C
Cu
urrrre
en
ntts
s
T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
a
att IIn
nd
diic
ca
atte
ed
d C
Cu
urrrre
en
ntt
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
R
Ra
ad
diio
om
me
ettrriic
c
T
Te
es
stt
R
Ra
ad
diio
om
me
ettrriic
c
D
Drriiv
ve
e
P
Po
ow
we
err ((m
mW
W))
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
P
Po
ow
we
err ((m
mW
W))
C
Cu
urrrre
en
ntt
C
Co
ollo
orr
F
Fllu
ux
x B
Biin
n
Φ
Φ
V
V
[1] [3]
Φ
Φ
V
V
[2] [3]
((m
mA
A))
Φ
Φ
V
V
[2] [3]
((m
mA
A))
L2K2MW1211BR00
39.8
45
350
75
700
L2K2MW1211BS00
51.7
60
350
100
700
CoolWhite
L2K2MW1411BT00
80
85
1000
110
1500
L2K2MW1411BU00
87.4
100
1000
130
1500
L2K2MW1411BV00
113.6
120
1000
140
1500
L2K2MWN211BQ00
30.6
35
350
60
700
L2K2MWN211BR00
39.8
45
350
75
700
Neutral
L2K2MWN211BS00
51.7
60
350
100
700
White
L2K2MWN411BT00
67.2
80
1000
105
1500
L2K2MWN411BU00
87.4
100
1000
130
1500
L2K2MWN411BV00
113.6
120
1000
140
1500
L2K2MWW211BQ00
30.6
35
350
60
700
Warm
L2K2MWW211BR00
39.8
45
350
75
700
White
L2K2MWW411BT00
67.2
80
1000
105
1500
L2K2MWW411BU00
87.4
100
1000
130
1500
Notes for Table 1 and Table 2:
1.
Minimum luminous flux or radiometric power performance guaranteed within published operating conditions.
Philips Lumileds maintains a tolerance of ± 10% on flux and power measurements.
2.
Typical luminous flux or radiometric power performance when device is operated within published operating conditions.
3.
LUXEON K2 products with even higher luminous flux and radiometric power levels will become available in the future.
Please consult Philips Lumileds or Future Electronics for more information.
4.
Radiation Pattern for all LUXEON K2 Star products is Lambertian.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com