Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXK2-PWW2-R00 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # LXK2-PWW2-R00
Description  the most robust and powerful LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PWW2-R00 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  LXK2-PWW2-R00 Datasheet HTML 1Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 2Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PWW2-R00 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Technical Datasheet DS51
Introduction
LUXEON
® K2 is the most robust and powerful LED available. With
unprecedented thermal, drive current and light output capabilities, it offers
the lighting industry leading lumens per package and the opportunity to
create never before possible lighting solutions. LUXEON K2 is available in
all colors including coolwhite, neutralwhite, warmwhite, blue, royal blue,
green, cyan, redorange, red and amber.
deliver more useable light
optimize applications to reduce size and cost
engineer more robust applications
reduce thermal management engineering
utilize standard FR4 PCB technology in addition to MCPCB solutions
simplify manufacturing through the use of surface mount technology.
LUXEON® K2
LUXEON K2
Technology
Leadership
Highest operating junction
temperature available, 185°C
Industry leading lumen perform
ance, > 140—175 lumens in
6500K white
Highest Drive Currents—1500 mA
Lowest Thermal Resistance—
9°C/W
Industry Best Moisture Sensitivity
level—JEDEC 2a
4 week floor life without recondi
tioning
Lead free reflow solder
JEDEC 020c compatible
RoHS Compliant
Autoclave compliant—
JESD22 A102
Industry Best Lumen
Maintenance—50,000 hours life
at 1000 mA with 70% lumen
maintenance
power light source


Similar Part No. - LXK2-PWW2-R00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK2-PWC4-0160 LUMILEDS-LXK2-PWC4-0160 Datasheet
655Kb / 26P
power LED
LXK2-PWC4-0180 LUMILEDS-LXK2-PWC4-0180 Datasheet
655Kb / 26P
power LED
LXK2-PWC4-0200 LUMILEDS-LXK2-PWC4-0200 Datasheet
655Kb / 26P
power LED
More results

Similar Description - LXK2-PWW2-R00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
123 Powerful Instructions ??Most Single Clock Cycle Execution
logo
NEC
T120D NEC-T120D Datasheet
1,016Kb / 2P
The powerful departmental server
logo
ATMEL Corporation
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
131 Powerful Instructions - Most Single Clock Cycle Execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
131 Powerful Instructions ??Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
131 powerful instructions - most single clock cycle execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
135 powerful instructions ??most single clock cycle execution
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
The powerful departmental server
T120G NEC-T120G Datasheet
963Kb / 2P
The powerful departmental server
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
The most powerful station in its class, now in a new design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com