Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0607 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSS0607
Description  6 Voice VROM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0607 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSS0607 Datasheet HTML 1Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOSEL VITELIC
1/1
(PID 247*** 09/96)
MSS0607
6" Voice VROM
September 1996
See 39-page data sheet PID 247*** 09/96 for details which belongs to MSS1207.
Taiwan
#1, Creation Road I,
Science - based Industrial Park,
Hsinchu, 30077
Taiwan, ROC
"audio_reply@ccmail.mosel.com.tw"
TEL: 886-3-5770055
FAX: 886-3-5772788
FAX: 886-3-5784732
Taipei
7F, #102 Sec. 3,
Ming Chung E. Road,
Taipei,105
Taiwan, ROC
TEL: 886-2-5451213
FAX: 886-2-5451214
Hongkong
#19 Dai
Fu Street,
Taipo Industrial Estate,
Taipo, N.T.
Hongkong
TEL: 852-2388-8277(MKO)
TEL: 852-2665-4883
FAX: 852-2664-2406
FAX: 852-2770-8011(MKO)
U.S.A.
#3910 North First Street,
San Jose,
CA. 65134-1501
U.S.A.
TEL: 1-408-433-6000
FAX: 1-408-433-0952
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MOSEL VITELIC INC.
Features
•\؇
°G
Single power supply can operate at 2.4V through
5.5V.
Current output can drive 8 ohm speaker
with a
transistor.
The voice content is stored up to 6 seconds (9000h)
and can be separated to 32 sections.
Duration of each section can be different and is
multiples of 100 h.
Duration of sections with appended memory-less
mute is up to 21.8 seconds (20000h).
3 straight trigger pins are provided TGA, TGB, TGC.
Each cross can access a sentence.
4 x 4 matrix trigger crosses are provided by RW1-4,
K1-4. Each cross can access a sentence.
Each sentence is composed of one or more sections.
Lower key priority is provided for straight inputs
and matrix cross inputs.
Last key priority is provided for straight inputs.
First key priority is provided for 4x4 crosses.
Up to 512 table entries for all 32 sentences.
Auto ramp up / ramp down & sleep functions are
built in.
INT(interrupt) function is provided.
OKY function is provided optionally chipwise.
Play all OKY is provided optionally chipwise.
Random Play OKY is provided optionally chipwise.
Playnext OKY is provided optionally chipwise.
Continuous S.W.A.I. OKY is provided optionally
chipwise.
Home S.W.A.I. OKY is provided optionally chipwise.
5 output pins are provided.
20 ms debounce is provided.
Sink LED is provided.
Off LED when Playing audio is provided optionally
entrywise.
3 Hz Ring LED when playing audio is provided optionally
entrywise.
Dynamic flash LED when playing audio is provided
optionally entrywise.
3 Hz fix flash LED when playing audio is provided
optionally entrywise.
On LED when playing audio is provided optionally
entrywise.
High busy when playing audio is provided optionally
entrywise.
Low busy when playing audio is povided optionally
entrywise.
DC high (when playing audio and lasts to next trigger) is
provided optionally entrywise.
DC low(when playing audio and lasts to next trigger) is
provided optionally entrywise.
Low Stop after playing audio is provided optionally
entrywise.
High Stop after playing audio is provided optionally
entrywise.
OKY's sentences could be different from those from
TGS'.
8 loudness levels are provided entrywise.
8 different pitches are provided entrywise.
Edge trigger is provided optionally triggerwise.
Level trigger is provided optionally triggerwise.
Holdable output by TG is provided optionally triggerwise.
Retriggerrable TG by itself is provided optionally
triggerwise.
Retriggerrable TG by others is provided optionally
triggerwise.
High trigger is provided optionally triggerwise.
Low trigger is provided optionally triggerwise.


Similar Part No. - MSS0607

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0607 MOSEL-MSS0607 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
More results

Similar Description - MSS0607

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0307-1 MOSEL-MSS0307-1 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
MSS0307 MOSEL-MSS0307 Datasheet
19Kb / 1P
3 Voice VROM
MSS0617 MOSEL-MSS0617 Datasheet
140Kb / 1P
Variable pitch variable loudness 6 Voice ROM
MSS0618 MOSEL-MSS0618 Datasheet
129Kb / 1P
Transistor-less variable pitch 6 Voice ROM
MSS0907 MOSEL-MSS0907 Datasheet
19Kb / 1P
9 Voice VROM
MSS1507 MOSEL-MSS1507 Datasheet
8Kb / 1P
15 Voice VROM
MSS1807 MOSEL-MSS1807 Datasheet
9Kb / 1P
18 Voice VROM
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
12 Instant Voice VROM
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com