Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0607 Datasheet (PDF) - Mosel Vitelic, Corp

MSS0607 Datasheet PDF - Mosel Vitelic, Corp
Part # MSS0607
Download  MSS0607 Download
File Size   384.79 Kbytes
Page   39 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 3/ 6/ 9/ 12 / 15 / 18 VOICE ROM

MSS0607 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSS0607 Datasheet PDF - Mosel Vitelic, Corp

Part # MSS0607
Download  MSS0607 Click to download

File Size   384.79 Kbytes
Page   39 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 3/ 6/ 9/ 12 / 15 / 18 VOICE ROM

MSS0607 Datasheet (HTML) - Mosel Vitelic, Corp


MSS0607 Product details

Description
The MSSnn07 is a single-chip CMOS VLSI ROM that can memorize voice data up to nn seconds using MOSEL qualified coding method (5-bit MPCM) at 6.00 KHz in 32 sections with arbitrary length.
Both the volume and pitch can be masked and different for each entry each sentence. 5 versatile outputs are available through programmable logic array. With minimum external components, this chip can be applied to various application. Customer voice data will be edited and programmed into ROM by changing one layer of mask during fabrication.

Features
■ Single power supply can operate at 2.4 V through
   6.0 V.
■ Current output can drive 8 ohm speaker with a
   transistor.
■ The voice content can be separated to 32 sections.
■ Duration of each section can be different and is
   multiples of 100 h.
■ Duration of sections with appended memory-less
   mute is up to 21.8 seconds (20000h).
■ 3 straight trigger pins are provided TGA, TGB, TGC.
   Each cross can access a sentence.
■ 4 x 4 matrix trigger crosses are provided by RW1-4,
   K1-4. Each cross can access a sentence.
■ Each sentence is composed of one or more sections.
■ Lower key priority is provided for straight inputs
   and matrix cross inputs.
■ Last key priority is provided for straight inputs.
■ First key priority is provided for 4x4 crosses.
■ Up to 512 table entries for all 32 sentences.
■ Auto ramp up / ramp down & sleep functions are
   built in.
■ INT(interrupt) function is provided.
■ OKY function is provided optionally chipwise.
■ Play all OKY is provided optionally chipwise.
■ Random Play OKY is provided optionally chipwise.
■ Playnext OKY is provided optionally chipwise.
■ Continuous S.W.A.I. OKY is provided optionally
   chipwise.
■ Home S.W.A.I. OKY is provided optionally chipwise.
■ 5 output pins are provided.
■ 20 ms debounce is provided.
■ Sink LED is provided. (Continue ...)




Similar Part No. - MSS0607

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0607 MOSEL-MSS0607 Datasheet
19Kb / 1P
6 Voice VROM
More results


Similar Description - MSS0607

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS0617 MOSEL-MSS0617 Datasheet
140Kb / 1P
Variable pitch variable loudness 6 Voice ROM
MSS0618 MOSEL-MSS0618 Datasheet
129Kb / 1P
Transistor-less variable pitch 6 Voice ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
logo
OKI electronic componet...
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com