Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS0607 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSS0607
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0607 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSS0607 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0607 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3/39
Pad Description
Signals
I/O
Function
Pad #
V2
V1
Vss
Rosc
TGC/INTP
TGB
TGA/OKY
Vdd
NC
K4
K3
K2
K1
RW1
RW2
RW3
RW4
OZ
OY
OX
Cout
OW
OS
Voltage output 1, to drive buzzer
Voltage output 2, to drive buzzer
Ground
Rosc
Trigger C or Interrupt input, mask optional
Trigger B input
Trigger A or one-key input, mask optional
Positive power supply
No connection
Matrix trigger column input 4
Matrix trigger column input 3
Matrix trigger column input 2
Matrix trigger column input 1
Matrix trigger row input 1, feed signal to K pin(s) when contact
Matrix trigger row input 2, feed signal to K pin(s) when contact
Matrix trigger row input 3, feed signal to K pin(s) when contact
Matrix trigger row input 4, feed signal to K pin(s) when contact
Output signal Z
Output signal Y
Output signal X
Current Output, to drive speaker through transistor
Output signal W
Output signal S
CLOCK
GENERATOR
CONTROL
LOGIC
Rosc
TIMING
GENERATOR
ADDRESS
GENERATOR
TRIGGER
TABLE
MPCM
Decoder
VOICE
ROM
Buzzer
Buffer
Speaker
Buffer
C OUT
V DD
V SS
RW1
RW2
RW3
RW4
TGA/OKY
TGB
TGC/INT
OS
OW
OX
OY
OZ
K1 K2 K3 K4
Varaible Pitch
V1
V2
Block Diagram
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
O
O
Power
I
I
I
I
Power
-
I
I
I
I
-
-
-
-
O
O
O
O
O
O
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Varaible
Loudness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com