Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7352 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7352
Description  Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 4 Page - Analog Devices

  AD7352 Datasheet HTML 1Page - Analog Devices AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7357
Preliminary Technical Data
Rev. PrD | Page 4 of 17
Parameter
Specification
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
Vdrive-0.2
V min
Output Low Voltage, VOL
0.2
V max
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance
TBD
pF typ
Output Coding
Straight Binary
CONVERSION RATE
Conversion Time
t2 + 15.5 × tSCLK
ns
Track-and-Hold Acquisition Time
30
ns max
Full-scale step input
Throughput Rate
4.25
MSPS max
POWER REQUIREMENTS
VDD
2.5
V
VDRIVE
2.5/3.3
V min/max
IDD
Digital I⁄PS = 0 V or VDRIVE
Normal Mode (Operational)
14
mA typ
Normal Mode (Static)
7
mA typ
SCLK off
Partial Power-Down Mode
5
mA typ
Full Power-Down Mode
10
µA typ
SCLK on or off
Power Dissipation
Normal Mode (Operational)
35
mW typ
Normal Mode (Static)
17.5
mW typ
SCLK off
Partial Power-Down Mode
12.5
mW typ
Full Power-Down Mode
2.5
µW typ
SCLK on or off
1 Temperature ranges are as follows: Y Grade: −40°C to +125°C, B Grade: −40°C to +85°C.
2 See theTerminology section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com